Electronic Components Datasheet Search
  English  ▼

X  

TL2842 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL2842
Description  CURRENT-MODE PWM CONTROLLERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL2842 Datasheet(HTML) 2 Page - Texas Instruments

  TL2842 Datasheet HTML 1Page - Texas Instruments TL2842 Datasheet HTML 2Page - Texas Instruments TL2842 Datasheet HTML 3Page - Texas Instruments TL2842 Datasheet HTML 4Page - Texas Instruments TL2842 Datasheet HTML 5Page - Texas Instruments TL2842 Datasheet HTML 6Page - Texas Instruments TL2842 Datasheet HTML 7Page - Texas Instruments TL2842 Datasheet HTML 8Page - Texas Instruments TL2842 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TL284x, TL384x
CURRENT-MODE PWM CONTROLLERS
SLVS038F – JANUARY 1989 – REVISED FEBRUARY 2003
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
TL3842P
TL3842P
PDIP (P)
Tube of 50
TL3843P
TL3843P
()
(8 pin)
Tube of 50
TL3844P
TL3844P
TL3845P
TL3845P
Tube of 75
TL3842D-8
TL3842
Reel of 2500
TL3842DR-8
TL3842
Tube of 75
TL3843D-8
TL3843
SOIC (D)
Reel of 2500
TL3843DR-8
TL3843
()
(8 pin)
Tube of 75
TL3844D-8
TL3844
0
°Cto70°C
Reel of 2500
TL3844DR-8
TL3844
0
°C to 70°C
Tube of 75
TL3845D-8
TL3845
Reel of 2500
TL3845DR-8
TL3845
Tube of 50
TL3842D
TL3842
Reel of 2500
TL3842DR
TL3842
Tube of 50
TL3843D
TL3843
SOIC (D)
Reel of 2500
TL3843DR
TL3843
()
(14 pin)
Tube of 50
TL3844D
TL3844
Reel of 2500
TL3844DR
TL3844
Tube of 50
TL3845D
TL3845
Reel of 2500
TL3845DR
TL3845
TL2842P
TL2842P
PDIP (P)
Tube of 50
TL2843P
TL2843P
()
(8 pin)
Tube of 50
TL2844P
TL2844P
TL2845P
TL2845P
Tube of 75
TL2842D-8
TL2842
Reel of 2500
TL2842DR-8
TL2842
Tube of 75
TL2843D-8
TL2843
SOIC (D)
Reel of 2500
TL2843DR-8
TL2843
()
(8 pin)
Tube of 75
TL2844D-8
TL2844
40
°Cto85°C
Reel of 2500
TL2844DR-8
TL2844
–40
°C to 85°C
Tube of 75
TL2845D-8
TL2845
Reel of 2500
TL2845DR-8
TL2845
Tube of 50
TL2842D
TL2842
Reel of 2500
TL2842DR
TL2842
Tube of 50
TL2843D
TL2843
SOIC (D)
Reel of 2500
TL2843DR
TL2843
()
(14 pin)
Tube of 50
TL2844D
TL2844
Reel of 2500
TL2844DR
TL2844
Tube of 50
TL2845D
TL2845
Reel of 2500
TL2845DR
TL2845
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com