Electronic Components Datasheet Search
  English  ▼

X  

TDSR516. Datasheet(PDF) 8 Page - Vishay Siliconix

Part # TDSR516.
Description  Standard 7- Segment Display 13 mm
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDSR516. Datasheet(HTML) 8 Page - Vishay Siliconix

  TDSR516. Datasheet HTML 1Page - Vishay Siliconix TDSR516. Datasheet HTML 2Page - Vishay Siliconix TDSR516. Datasheet HTML 3Page - Vishay Siliconix TDSR516. Datasheet HTML 4Page - Vishay Siliconix TDSR516. Datasheet HTML 5Page - Vishay Siliconix TDSR516. Datasheet HTML 6Page - Vishay Siliconix TDSR516. Datasheet HTML 7Page - Vishay Siliconix TDSR516. Datasheet HTML 8Page - Vishay Siliconix TDSR516. Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TDS.51..
Vishay Telefunken
8 (9)
Rev. A2, 05-Oct 00
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83126
Dimensions in mm
95 11344
Pin connections
a
f
e
g
d
c
b
DP
1
2
345
10
9
876
1e
2d
3
A (K)
4c
5DP
6b
7a
8
A (K)
9f
10
g
95 10896



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com