Electronic Components Datasheet Search
  English  ▼

X  

CLA-SERIES Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # CLA-SERIES
Description  Silicon Limiter Diodes and Ceramic Hermetic Packaged Devices
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CLA-SERIES Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  CLA-SERIES Datasheet HTML 1Page - Skyworks Solutions Inc. CLA-SERIES Datasheet HTML 2Page - Skyworks Solutions Inc. CLA-SERIES Datasheet HTML 3Page - Skyworks Solutions Inc. CLA-SERIES Datasheet HTML 4Page - Skyworks Solutions Inc. CLA-SERIES Datasheet HTML 5Page - Skyworks Solutions Inc. CLA-SERIES Datasheet HTML 6Page - Skyworks Solutions Inc. CLA-SERIES Datasheet HTML 7Page - Skyworks Solutions Inc. CLA-SERIES Datasheet HTML 8Page - Skyworks Solutions Inc. CLA-SERIES Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DATA SHEET • CLA SERIES: SILICON LIMITER DIODES AND CERAMIC HERMETIC PACKAGED DEVICES
Phone [408] 946-1968 • Fax [408] 946-1960 • hirel.sales@skyworksinc.com • www.skyworksinc.com
203235C • Isolink Proprietary Information • Products and Product Information are Subject to Change Without Notice. • July 10, 2017
4
Table 3. Typical Performance @ 25
°C @ 2.6 GHz, Z0 = 50 Ω1
Part Number
Insertion Loss
@ –10 dBm (dB)
CW Input Power
for 1 dB
Insertion Loss
(dBm)
Maximum CW
Input Power
(dBm)
Maximum
Pulsed Input
Power
(dBm) 2
Output @
Maximum
Pulsed Input
(dBm) 2
Recovery Time
(ns) 3
Spike Leakage
(ergs) 4
CLA4601
0.1
12
36
65
21
5
Note 5
CLA4602
0.1
12
36
65
24
5
Note 5
CLA4603
0.1
10
38
67
22
5
Note 5
CLA4604
0.1
11
40
70
24
5
Note 5
CLA4605
0.1
12
40
70
27
5
0.08
CLA4606
0.1
14
41
71
27
5
0.03
CLA4607
0.1
26
43
73
39
5
0.21
CLA4608
0.2
26
43
73
44
5
0.15
CLA4609
0.3
37
44
74
50
5
25.77
CLA4610
0.1
24
40
57
32
5
Note 5
1 Diode chip is mounted on a 0.5 oz Cu PC board using 1 to 2 mils of conductive epoxy. Bond wire connections are made with 0.8 mil Au wire. Limiter configured with shunt connected
diode and 22 nH ground return and 100 pF DC blocking capacitors.
2 Pulsed power measurements taken at 1 μs pulse width, @ f = 10 KHz, and 0.1% duty cycle.
3 Recovery time represents the transition time from the high-loss state to the low-loss state following the removal of a high-power input. It is defined as the time from the end of the high-
power pulse to the time when insertion loss has returned to within 3 dB of the quiescent (low-power) state.
4 Spike Leakage (ergs) = t
s
x Ps x 107 where ts is the spike width at the half-power point (in seconds) and PS is the maximum spike amplitude in watts.
5 Not detectable under current test conditions described in Note 2.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com