Electronic Components Datasheet Search
  English  ▼

X  

RT7791P Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT7791P
Description  PWM Controller for Programmable Power Converter (USBPD)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7791P Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT7791P Datasheet HTML 1Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RT7791P
Copyright © 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS7791P-04
January
2021
www.richtek.com
1
PWM Controller for Programmable Power Converter (USBPD)
General Description
The RT7791P series is specifically designed to work
with controllers, such as the RT7202, so as to provide a
total solution for the USB PD or a programmable power
adapter. The RT7791P can achieve high efficiency,
meet safety standards, and consume less than 50mW
of power in a 5V standby condition.
The RT7791P
possesses several innovations in
system control, by which the RT7791P can therefore
allow one to design a power a solution with a wide
range of output voltage. One of the innovations is by
using the DMAG pin, the RT7791P senses output
voltage to adjust loop gain for system stability, to adjust
output over-voltage protection threshold voltage for
external devices protection, and to adjust current limit
for Limited Power Source (LPS) safety requirements.
The RT7791P is also equipped with comprehensive
protection features, including Bulk-Capacitor brown-in
/brown-out protection, VDD over-voltage protection
(VDD
OVP),
output
over-voltage/under-voltage
protection (Output OVP/UVP), secondary
rectifier
short-circuit
protection
(SRSP),
and
external
over-temperature protection (External OTP).
In case
for constant output power regulation, a resistor
connected to CS pin can be used to achieve accurate
line compensation across the universal input voltage
range. Moreover the RT7791P moreover provides
various features to protect against failures occurring at
the secondary-side component, such as the RT7202 or
a shunt regulator.
In applications, the RT7791P is suggested to use with
a Secondary controller RT7202 to realize a robust and
safe design, especially to prevent the potential fault
scenarios, due to the mis-connection of various devices,
cables, plugs and receptacles.
Features
Optimized for Adaptive Output Power
Integrated Low-Dropout Regulator (LDO)
Wide VDD Range : 10V to 40V
Adaptive Over-Current Protection
Adaptive Loop Gain Control for Loop Stability
High Efficiency
Green Mode Operation at Light Load or No
Load
Comprehensive Protection Features
Bulk-Capacitor Brown-In and Brown-Out
Protection
OTP Pin for External Over-Temperature
Protection
VDD Over-Voltage Protection
Output Over-Voltage and Under-Voltage
Protection
Secondary Rectifier Short-Circuit Protection
Programmable Line Compensation
Others
< 50mW in 5V Standby Mode for Power Saving
Driver Capability : 300mA/
300mA
SmartJitter
TM Technology
Applications
USB PD and Programmable Power Adapters
Simplified Application Circuit
L
N
OTP
GATE
VDD
DMAG
GND
COMP
CS
RT7791P
2
1
VBUS
GND
CC1
OPTO
CC1
CS-
VDD
V2
USBP
GND
RT7202A
VFB
Option
Option
VIN
3
4
(Optional)


Similar Part No. - RT7791P

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7791 RICHTEK-RT7791 Datasheet
126Kb / 1P
PWM Controller for Programmable Power Converter (USBPD)
January 2021
More results

Similar Description - RT7791P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1851 TI-UC1851 Datasheet
576Kb / 7P
Programmable, Off-Line, PWM Controller
logo
Elantec Semiconductor
EL7571C ELANTEC-EL7571C Datasheet
480Kb / 23P
Programmable PWM Controller
logo
List of Unclassifed Man...
RT9233 ETC-RT9233 Datasheet
197Kb / 8P
4 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
RT9223 ETC-RT9223 Datasheet
139Kb / 8P
5 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
logo
Intersil Corporation
EL7571 INTERSIL-EL7571 Datasheet
310Kb / 19P
Programmable PWM Controller
October 25, 2004
logo
Texas Instruments
SLUS208 TI1-SLUS208 Datasheet
942Kb / 11P
Programmable, Off-Line, PWM Controller
logo
Renesas Technology Corp
EL7571 RENESAS-EL7571 Datasheet
847Kb / 19P
Programmable PWM Controller
logo
Richtek Technology Corp...
RT7753GCS RICHTEK-RT7753GCS Datasheet
124Kb / 1P
PWM Controller for Programmable Power Converter (USBPD)
January 2021
RT7786LEC RICHTEK-RT7786LEC Datasheet
121Kb / 1P
PWM Controller for Programmable Power Converter (USBPD)
June 2019
RT7791 RICHTEK-RT7791 Datasheet
126Kb / 1P
PWM Controller for Programmable Power Converter (USBPD)
January 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com