Electronic Components Datasheet Search
  English  ▼

X  

RT9065GE Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9065GE
Description  500mA, Low Dropout, Low Noise, Ultra-Fast Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9065GE Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9065GE Datasheet HTML 1Page - Richtek Technology Corporation RT9065GE Datasheet HTML 2Page - Richtek Technology Corporation RT9065GE Datasheet HTML 3Page - Richtek Technology Corporation RT9065GE Datasheet HTML 4Page - Richtek Technology Corporation RT9065GE Datasheet HTML 5Page - Richtek Technology Corporation RT9065GE Datasheet HTML 6Page - Richtek Technology Corporation RT9065GE Datasheet HTML 7Page - Richtek Technology Corporation RT9065GE Datasheet HTML 8Page - Richtek Technology Corporation RT9065GE Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RT9065
2
DS9065-03 May 2020
www.richtek.com
©
Copyright
2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
VIN
Power input.
2
GND
Ground.
3
EN
Chip enable (active high). Note that this pin is high impedance. There should be a
pull-low 100k
 resistor connected to GND when the control signal is floating.
4
BP
Reference noise bypass.
5
ADJ
Feedback input. Connect a resistive divider to adjust the output voltage.
6
VOUT
Output of the regulator.
Pin Configuration
(TOP VIEW)
SOT-23-6
Functional Block Diagram
VIN GND EN
VOUT ADJ BP
4
23
5
6
Shutdown
and
Logic Control
MOS
Driver
EN
VIN
VOUT
GND
VREF
Current Limit
and
Thermal Protection
Error
Amplifier
+
-
ADJ
BP



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com