Electronic Components Datasheet Search
  English  ▼

X  

RT9394 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9394
Description  Tiny Package, High Performance, Regulated Charge Pump
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9394 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9394 Datasheet HTML 1Page - Richtek Technology Corporation RT9394 Datasheet HTML 2Page - Richtek Technology Corporation RT9394 Datasheet HTML 3Page - Richtek Technology Corporation RT9394 Datasheet HTML 4Page - Richtek Technology Corporation RT9394 Datasheet HTML 5Page - Richtek Technology Corporation RT9394 Datasheet HTML 6Page - Richtek Technology Corporation RT9394 Datasheet HTML 7Page - Richtek Technology Corporation RT9394 Datasheet HTML 8Page - Richtek Technology Corporation RT9394 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT9394
2
DS9394-01 May 2022
www.richtek.com
©
Copyright
2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Part No.
Application Configuration
CIN (μF)
CPUMP (μF)
COUT (μF)
RT9394
IOUT < 60mA @ VIN > 3.2V
1 or 2.2
0.22
1 or 2.2
IOUT < 110mA @ VIN > 3.2V
10
1
10
Typical Application Circuit
Functional Pin Description
Pin Number
Pin Name
Pin Function
1,
7 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected
to GND for maximum power dissipation.
2
VIN
Power input voltage.
3
VOUT
Output voltage.
4
CP
Flying capacitor positive terminal.
5
CN
Flying capacitor negative terminal.
6
EN
Chip enable (active high).
Marking Information
RR
R
VIN
EN
GND
VOUT
CN
CPUMP
CP
VIN
2.8V to VOUT
6
COUT
+
2
CIN
LED
LED
LED
RT9394
3
1
5
4
5QW
5Q : Product Code
W : Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com