Electronic Components Datasheet Search
  English  ▼

X  

BD242C Datasheet(PDF) 1 Page - STMicroelectronics

Part # BD242C
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD242C Datasheet(HTML) 1 Page - STMicroelectronics

  BD242C Datasheet HTML 1Page - STMicroelectronics BD242C Datasheet HTML 2Page - STMicroelectronics BD242C Datasheet HTML 3Page - STMicroelectronics BD242C Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BD241A/B/C
BD242A/B/C
COMPLEMENTARY SILICON POWER TRANSISTORS
s
STMicroelectronics PREFERRED
SALESTYPES
s
COMPLEMENTARY PNP - NPN DEVICES
DESCRIPTION
The BD241A, BD241B and BD241C are silicon
epitaxial-base NPN transistors mounted in Jedec
TO-220 plastic package.
They are inteded for use in medium power linear
and switching applications.
The complementary PNP types are BD242A,
BD242B and BD242C respectively.
INTERNAL SCHEMATIC DIAGRAM
December 2000
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
NPN
BD241A
BD241B
BD241C
PNP
BD242A
BD242B
BD242C
VCER
Collector-Base Voltage (RBE = 100
Ω)
70
90
115
V
VCEO
Collector-Emitter Voltage (IB = 0)
60
80
100
V
VEBO
Emitter-Base Voltage (IC = 0)
5
V
IC
Collector Current
3
A
ICM
Collector Peak Current
5
A
IB
Base Current
1
A
Ptot
Total Dissipation at Tc
≤ 25 oC
40
W
Ptot
Total Dissipation at Tamb
≤ 25 oC
2W
Tstg
Storage Temperature
-65 to 150
oC
1
2
3
TO-220
®
1/4


Similar Part No. - BD242C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD242C MOSPEC-BD242C Datasheet
133Kb / 3P
POWER TRANSISTORS(3A,40W)
logo
Motorola, Inc
BD242C MOTOROLA-BD242C Datasheet
139Kb / 6P
Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD242C ONSEMI-BD242C Datasheet
108Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
Power Innovations Ltd
BD242C POINN-BD242C Datasheet
87Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
STMicroelectronics
BD242C STMICROELECTRONICS-BD242C Datasheet
66Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Jun-1997
More results

Similar Description - BD242C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Seme LAB
2N6299SMD SEME-LAB-2N6299SMD Datasheet
33Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5871 NJSEMI-2N5871 Datasheet
253Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N5879 NJSEMI-2N5879 Datasheet
171Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP3055G ONSEMI-TIP3055G Datasheet
114Kb / 6P
Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055_15 Datasheet
493Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N4231A CENTRAL-2N4231A_15 Datasheet
344Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
TIP35 CENTRAL-TIP35_15 Datasheet
445Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
102Kb / 5P
Complementary Silicon Power Transistors
November, 2014 ??Rev. 13
logo
New Jersey Semi-Conduct...
D44H NJSEMI-D44H Datasheet
91Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com