Electronic Components Datasheet Search
  English  ▼

X  

TAS5162 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5162
Description  2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5162 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5162 Datasheet HTML 9Page - Texas Instruments TAS5162 Datasheet HTML 10Page - Texas Instruments TAS5162 Datasheet HTML 11Page - Texas Instruments TAS5162 Datasheet HTML 12Page - Texas Instruments TAS5162 Datasheet HTML 13Page - Texas Instruments TAS5162 Datasheet HTML 14Page - Texas Instruments TAS5162 Datasheet HTML 15Page - Texas Instruments TAS5162 Datasheet HTML 16Page - Texas Instruments TAS5162 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
www.ti.com
TYPICAL CHARACTERISTICS, SE CONFIGURATION
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20m
100
100m 200m
1
2
10 20
P
-OutputPower(SE)-W
O
4 W
T =75°C,
DigitalGain=2.5dB
C
3 W
0
110
10
20
30
40
50
60
70
80
90
100
0
50
5
10
15
20
25
30
35
40
45
PV
-SupplyVoltage(SE)-Vrms
DD
4 W
3 W
T =75°C
C
0
120
10
20
30
40
50
60
70
80
90
100
110
10
120
20
30 40
50
60
70
80
90 100 110
T -CaseTemperature(SE)-°C
C
4 W
3 W
TAS5162
SLES194B – OCTOBER 2006 – REVISED MARCH 2007
TOTAL HARMONIC DISTORTION + NOISE
OUTPUT POWER
vs
vs
OUTPUT POWER
SUPPLY VOLTAGE
Figure 8.
Figure 9.
OUTPUT POWER
vs
CASE TEMPERATURE
Figure 10.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com