Electronic Components Datasheet Search
  English  ▼

X  

TAS5182 Datasheet(PDF) 13 Page - Texas Instruments

Part # TAS5182
Description  100−W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5182 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5182 Datasheet HTML 9Page - Texas Instruments TAS5182 Datasheet HTML 10Page - Texas Instruments TAS5182 Datasheet HTML 11Page - Texas Instruments TAS5182 Datasheet HTML 12Page - Texas Instruments TAS5182 Datasheet HTML 13Page - Texas Instruments TAS5182 Datasheet HTML 14Page - Texas Instruments TAS5182 Datasheet HTML 15Page - Texas Instruments TAS5182 Datasheet HTML 16Page - Texas Instruments TAS5182 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
POWER SUPPLY FILTER
DE-MODULATION FILTER CHANNEL 1
DE-MODULATION FILTER CHANNEL 2
Patents pending in circuitry design and layout (WO99/59241 & WO99/59242).
This circuitry may only be used together with the integrated circuit TAS5100/TAS5110/TAS5111/TAS5112/TAS5182 from Texas Instruments
Incorporated.
TAS5182 SECTION
H-BRIDGE SECTION
TAS5182 OUTPUT STAGE
OC
CONFIGURATION
6.00
CHANNEL 1 & CHANNEL 2
TAS5182C6REF
Rev:
Page Title:
TI
DIGITAL AUDIO & VIDEO DIVISION
ALL RIGHTS RESERVED - PATENTS PENDING
TEXAS INSTRUMENTS INCORPORATED
Project:
File Name:
Date:
Engineer:
Page:
of
Size:
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
V-HBRIDGE
GND
GND
GND
V-HBRIDGE
C262
10nF
C208
22nF
2
1
C267
100nF
C223
10nF
C264
1nF
R240
4.7R
C260
1000uF
D262
10BQ060
R205
0R
1
2
C241
470nF
R242
4.70k
R227
2.70R
C245
680pF
R284
4.70k
R235
2.70R
R225
1.00R
1
2
R281
4.7R
C240
470nF
R233
1.00R
1
2
R224
2.70R
C202
100nF
2
1
Q226
IRFIZ24N
1
U201
TAS5182
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
17
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
NC
NC
DVDD
DVSS
NC
DTC_HS
DTC_LS
OC_HIGH
VRFILT
AP
AM
RESET_AB
BM
BP
CP
CM
DM
DP
SHUTDOWN
ERR0
ERR1
LOW/HIZ
DVSS
NC
NC
OC_LOW
TEMP
GVSS
GVDD
DHS_D
BST_D
RESET_CD
GVSS
GVDD
GLS_A
SLS_A
SHS_A
GHS_A
BST_A
DHS_A
GLS_B
SLS_B
SHS_B
GHS_B
BST_B
DHS_B
GLS_C
SLS_C
SHS_C
GHS_C
BST_C
DHS_C
GLS_D
SLS_D
SHS_D
GHS_D
C280
470nF
D261
10BQ060
L240
7uH
1
2
C212
100nF
C246
680pF
R266
2.70R
1
2
R264
2.70R
1
2
L281
7uH
1
2
L262
75nH
1
2
R265
2.70R
1
2
R213
1R
1
2
R280
4.7R
L261
75nH
1
2
C209
22nF
2
1
C211
1uF
R228
2.70R
R261
3.30R
R236
2.70R
R226
1.00R
1
2
C206
22nF
2
1
C266
100nF
R234
1.00R
1
2
D263
10BQ060
C286
680pF
Q223
IRFIZ24N
1
R207
16k
1
2
L241
7uH
1
2
R244
4.70k
R285
4.70k
Q227
IRFIZ24N
1
R212
1R
C221
10nF
R282
4.70k
C205
1uF
2
1
R221
1.00R
1
2
R231
2.70R
R260
3.30R
L260
75nH
1
2
R229
1.00R
1
2
C222
10nF
Q222
IRFIZ24N
1
C285
680pF
C224
10nF
R243
4.70k
C261
1000uF
C268
100nF
C214
100nF
2
1
R263
2.70R
1
2
C281
470nF
C207
22nF
2
1
C213
100nF
C201
100nF
C263
10nF
R210
0R
1
2
R283
4.70k
Q221
IRFIZ24N
1
Q224
IRFIZ24N
1
D260
10BQ060
R222
1.00R
1
2
C265
1nF
Q228
IRFIZ24N
1
R232
2.70R
R245
4.70k
R230
1.00R
1
2
R211
0R
1
2
Q225
IRFIZ24N
1
R241
4.7R
L263
75nH
1
2
R223
2.70R
L280
7uH
1
2
R126
1M
R125
1M
R127
22k
1
2
R123
22k
1
2
R124
10k
R121
220k
C269
100nF
R128
10k
R120
220k
R208
47k
V-HBRIDGE
/VALID-CH2
DVDD
/VALID-CH1
/ERR0
DVDD
/SHUTDOWN
/ERR1
PWM-BP-CH1
PWM-BM-CH1
PWM-AM-CH1
PWM-AP-CH1
PVDD-A
PVDD-A
PVDD-B
CH1-OUT+
CH1-OUT-
PWM-BP-CH2
PWM-BM-CH2
PWM-AM-CH2
PWM-AP-CH2
CH2-OUT+
CH2-OUT-
PVDD-D
PVDD-C
PVDD-B
PVDD-C
PVDD-D
GVDD
GVDD
V-HBRIDGE
V-HBRIDGE
OC-HIGH
OC-LOW
VR-FILT
V-HBRIDGE
V-HBRIDGE
V-HBRIDGE
V-HBRIDGE
OC-HIGH
VR-FILT
VR-FILT
OC-LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com