Electronic Components Datasheet Search
  English  ▼

X  

TAS5142DDVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5142DDVR
Description  STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5142DDVR Datasheet(HTML) 1 Page - Texas Instruments

  TAS5142DDVR Datasheet HTML 1Page - Texas Instruments TAS5142DDVR Datasheet HTML 2Page - Texas Instruments TAS5142DDVR Datasheet HTML 3Page - Texas Instruments TAS5142DDVR Datasheet HTML 4Page - Texas Instruments TAS5142DDVR Datasheet HTML 5Page - Texas Instruments TAS5142DDVR Datasheet HTML 6Page - Texas Instruments TAS5142DDVR Datasheet HTML 7Page - Texas Instruments TAS5142DDVR Datasheet HTML 8Page - Texas Instruments TAS5142DDVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TM
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
PVDD − Supply Voltage − V
0
10
20
30
40
50
60
70
80
90
100
110
120
0
4
8
12
16
20
24
28
32
8
Ω
4
Ω
TC = 75°C
THD+N @ 10%
6
Ω
G002
TAS5142
SLES126B – DECEMBER 2004 – REVISED MAY 2005
STEREO DIGITAL AMPLIFIER POWER STAGE
requires a simple passive LC demodulation filter to
deliver high-quality, high-efficiency audio amplification
•
2×100 W at 10% THD+N Into 4-
Ω BTL (1)
with proven EMI compliance. This device requires two
•
2×80 W at 10% THD+N Into 6-
Ω BTL
power supplies, at 12 V for GVDD and VDD, and at
32 V for PVDD. The TAS5142 does not require
•
2×65 W at 10% THD+N Into 8-
Ω BTL
power-up sequencing due to internal power-on reset.
•
4×40 W at 10% THD+N Into 3-
Ω SE
The efficiency of this digital amplifier is greater than
•
4×30 W at 10% THD+N Into 4-
Ω SE
90% into 6
Ω, which enables the use of smaller
•
1×160 W at 10% THD+N Into 3-
Ω PBTL
power supplies and heatsinks.
•
1×200 W at 10% THD+N Into 2-
Ω PBTL (1)
The TAS5142 has an innovative protection system
integrated on-chip, safeguarding the device against a
•
>100 dB SNR (A-Weighted)
wide range of fault conditions that could damage the
•
<0.1% THD+N at 1 W
system. These safeguards are short-circuit protection,
•
Two Thermally Enhanced Package Options:
overcurrent protection, undervoltage protection, and
– DKD (36-pin PSOP3)
overtemperature protection. The TAS5142 has a new
proprietary current-limiting circuit that reduces the
– DDV (44-pin HTSSOP)
possibility of device shutdown during high-level music
•
High-Efficiency Power Stage (>90%) With
transients. A new programmable overcurrent detector
140-m
Ω Output MOSFETs
allows
the
use
of
lower-cost
inductors
in
the
•
Power-On Reset for Protection on Power Up
demodulation output filter.
Without Any Power-Supply Sequencing
BTL OUTPUT POWER vs SUPPLY VOLTAGE
•
Integrated Self-Protection Circuits Including
Undervoltage, Overtemperature, Overload,
Short Circuit
•
Error Reporting
•
EMI Compliant When Used With
Recommended System Design
•
Intelligent Gate Drive
•
Mini/Micro Audio System
•
DVD Receiver
•
Home Theater
The TAS5142 is a third-generation, high-perform-
ance, integrated stereo digital amplifier power stage
with an improved protection system. The TAS5142 is
capable of driving a 4-
Ω bridge-tied load (BTL) at up
(1)
It is not recommended to drive 200 W (total power) into the
to 100 W per channel with low integrated noise at the
DDV package continuously. For multichannel systems that
output, low THD+N performance, and low idle power
require two channels to be driven at full power with the
dissipation.
DDV package option, it is recommended to design the
system so that the two channels are in two separate
A low-cost, high-fidelity audio system can be built
devices.
using a TI chipset, comprising a modulator (e.g.,
PurePath Digital™
TAS5508) and the TAS5142. This system only
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PurePath Digital, PowerPad are trademarks of Texas Instruments.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5142DDVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5142DDVR TI-TAS5142DDVR Datasheet
583Kb / 26P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142DDVR TI2-TAS5142DDVR Datasheet
724Kb / 30P
STEREO DIGITAL AMPLIFIER POWER STAGE
REVISED MAY 2005
TAS5142DDVR.A TI2-TAS5142DDVR.A Datasheet
724Kb / 30P
STEREO DIGITAL AMPLIFIER POWER STAGE
REVISED MAY 2005
TAS5142DDVRG4 TI-TAS5142DDVRG4 Datasheet
583Kb / 26P
STEREO DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5142DDVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5152 TI-TAS5152 Datasheet
415Kb / 26P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142 Datasheet
583Kb / 26P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_07 Datasheet
460Kb / 24P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_07 Datasheet
463Kb / 26P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132_0702 TI-TAS5132_0702 Datasheet
512Kb / 31P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5602 TI-TAS5602 Datasheet
1Mb / 29P
20W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_15 Datasheet
667Kb / 27P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_15 Datasheet
1Mb / 32P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_15 Datasheet
558Kb / 30P
STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com