Electronic Components Datasheet Search
  English  ▼

X  

TAS5186ADDVR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5186ADDVR
Description  6-Channel, 210-W, Digital-Amplifier Power Stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5186ADDVR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TAS5186ADDVR Datasheet HTML 10Page - Texas Instruments TAS5186ADDVR Datasheet HTML 11Page - Texas Instruments TAS5186ADDVR Datasheet HTML 12Page - Texas Instruments TAS5186ADDVR Datasheet HTML 13Page - Texas Instruments TAS5186ADDVR Datasheet HTML 14Page - Texas Instruments TAS5186ADDVR Datasheet HTML 15Page - Texas Instruments TAS5186ADDVR Datasheet HTML 16Page - Texas Instruments TAS5186ADDVR Datasheet HTML 17Page - Texas Instruments TAS5186ADDVR Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
GND_B
GVDD
/SD
/TW
PWM_E
PWM_F
/VALID1
PWM_A
PWM_C
PWM_B
PWM_D
GVDD
/VALID2
GND_D
GND_C
GND_F
GND_E
OUT_F
OUT_E
OUT_D
OUT_C
OUT_B
GND_A
OUT_A
PVDD
PVDD
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
Rev:
Page Title:
TI
DIGITAL AUDIO & VIDEO DIVISION
ALL RIGHTS RESERVED - PATENTS PENDING
TEXAS INSTRUMENTS INCORPORATED
Project:
File Name:
Date:
Engineer:
Page:
of
Size: A2
2.10
Jonas Svendsen
Power Stage
A758-SCH-001(2.10).DSN
TAS5086-5186V6EVM
36
Monday, September 12, 2005
Parts List No.2
Rev:
Page Title:
TI
DIGITAL AUDIO & VIDEO DIVISION
ALL RIGHTS RESERVED - PATENTS PENDING
TEXAS INSTRUMENTS INCORPORATED
Project:
File Name:
Date:
Engineer:
Page:
of
Size: A2
2.10
Jonas Svendsen
Power Stage
A758-SCH-001(2.10).DSN
TAS5086-5186V6EVM
36
Monday, September 12, 2005
Parts List No.2
Rev:
Page Title:
TI
DIGITAL AUDIO & VIDEO DIVISION
ALL RIGHTS RESERVED - PATENTS PENDING
TEXAS INSTRUMENTS INCORPORATED
Project:
File Name:
Date:
Engineer:
Page:
of
Size: A2
2.10
Jonas Svendsen
Power Stage
A758-SCH-001(2.10).DSN
TAS5086-5186V6EVM
36
Monday, September 12, 2005
Parts List No.2
Patents pending in circuitry design and layout (WO99/59241 & WO99/59242).
This circuitry may only be used together with the integrated circuit TAS5186 from Texas Instruments Incorporated.
POWER OUTPUT STAGE (SE)
LAYOUT NOTE:
PLACE NEAR
SPEAKER PINS
DESIGN NOTE:
SPLIT CAPS
DESIGN NOTE:
DEMODULATION
FILTER
DESIGN NOTE:
FILTER DISCHARGE
DESIGN NOTE:
EMI/ESD SNUBBERS
LAYOUT NOTE:
PLACE AFTER
FILTER CAPS
LAYOUT NOTE:
PLACE AFTER
SPLIT CAPS
LAYOUT NOTE:
PLACE AFTER
HEATSINK
C176
10nF
50V
0805
C176
10nF
50V
0805
1
2
R116
10.0k
1206
R116
10.0k
1206
R163
1.00R
0805
R163
1.00R
0805
PGND_EF
1
PWM_F
2
GVDD_DEF
3
VDD
4
PWM_E
5
PWM_D
6
RESET
7
M3
8
M2
9
M1
10
GND
11
AGND
12
VREG
13
OC_ADJ
14
SD
15
OTW
16
PWM_B
18
PWM_A
19
GVDD_ABC
20
BST_BIAS
21
OUT_BIAS
22
BST_A
23
PVDD_A
24
OUT_A
25
PGND_AB
26
OUT_B
27
PVDD_B
28
BST_B
29
BST_C
30
PVDD_C
31
OUT_C
32
PWM_C
17
PVDD_D
36
OUT_D
35
PGND_D
34
PGND_C
33
BST_D
37
BST_E
38
PVDD_E
39
OUT_E
40
PGND_EF
41
OUT_F
42
PVDD_F
43
BST_F
44
U100
PTAS5186
U100
PTAS5186
C162
10nF
50V
0805
C162
10nF
50V
0805
R153
2.70k
1206
R153
2.70k
1206
C126
270uF
50V
C126
270uF
50V
C183
10nF
50V
0805
C183
10nF
50V
0805
C140
470nF
63V
C140
470nF
63V
C144
470nF
63V
C144
470nF
63V
C165
10nF
50V
0805
C165
10nF
50V
0805
C171
10nF
50V
0805
C171
10nF
50V
0805
2
1
C104
100nF
0805
50V
C104
100nF
0805
50V
R164
1.00R
0805
R164
1.00R
0805
R170
1.00R
0805
R170
1.00R
0805
R160
1.00R
0805
R160
1.00R
0805
2
1
C107
100nF
0805
50V
C107
100nF
0805
50V
C102
1uF
0805
C102
1uF
0805
R161
1.00R
0805
R161
1.00R
0805
C173
10nF
50V
0805
C173
10nF
50V
0805
C163
10nF
50V
0805
C163
10nF
50V
0805
C177
10nF
50V
0805
C177
10nF
50V
0805
R162
1.00R
0805
R162
1.00R
0805
R167
1.00R
0805
R167
1.00R
0805
C166
10nF
50V
0805
C166
10nF
50V
0805
R154
2.70k
1206
R154
2.70k
1206
C128
270uF
50V
C128
270uF
50V
C120
270uF
50V
C120
270uF
50V
C180
10nF
50V
0805
C180
10nF
50V
0805
2
1
C110
10nF
1206
200V
C110
10nF
1206
200V
1
2
R122
470R
SFR16
R122
470R
SFR16
2
1
C111
10nF
1206
200V
C111
10nF
1206
200V
1
2
L145
22uH
8020P-01-200L
Kwang Sung
L145
22uH
8020P-01-200L
Kwang Sung
1
2
R125
1k8
SFR16
R125
1k8
SFR16
1
2
L142
10uH
8020P-02-100L
Kwang Sung
L142
10uH
8020P-02-100L
Kwang Sung
2
1
C105
100nF
0805
50V
C105
100nF
0805
50V
2
1
C115
10nF
1206
200V
C115
10nF
1206
200V
C131
270uF
50V
C131
270uF
50V
C161
10nF
50V
0805
C161
10nF
50V
0805
C125
1200uF
50V
C125
1200uF
50V
1
2
R120
1k8
SFR16
R120
1k8
SFR16
1
2
R121
1k8
SFR16
R121
1k8
SFR16
C167
10nF
50V
0805
C167
10nF
50V
0805
R169
1.00R
0805
R169
1.00R
0805
C117
1uF
0805
C117
1uF
0805
2
1
C109
100nF
0805
50V
C109
100nF
0805
50V
C168
10nF
50V
0805
C168
10nF
50V
0805
R166
1.00R
0805
R166
1.00R
0805
1
2
L141
22uH
8020P-01-200L
Kwang Sung
L141
22uH
8020P-01-200L
Kwang Sung
C103
10nF
0805
C103
10nF
0805
R100
0R
0603
R100
0R
0603
C181
10nF
50V
0805
C181
10nF
50V
0805
1
2
L140
22uH
8020P-01-200L
Kwang Sung
L140
22uH
8020P-01-200L
Kwang Sung
C123
270uF
50V
C123
270uF
50V
2
1
C112
10nF
1206
200V
C112
10nF
1206
200V
C145
470nF
63V
C145
470nF
63V
C142
1uF
63V
C142
1uF
63V
2
1
C101
100nF 0603
C101
100nF 0603
C100
1uF
0805
C100
1uF
0805
1
2
R103
18.2k
0603
R103
18.2k
0603
1
2
R123
1k8
SFR16
R123
1k8
SFR16
R168
1.00R
0805
R168
1.00R
0805
C169
10nF
50V
0805
C169
10nF
50V
0805
1
2
L143
22uH
8020P-01-200L
Kwang Sung
L143
22uH
8020P-01-200L
Kwang Sung
C141
470nF
63V
C141
470nF
63V
C172
10nF
50V
0805
C172
10nF
50V
0805
C178
10nF
50V
0805
C178
10nF
50V
0805
C127
270uF
50V
C127
270uF
50V
C174
10nF
50V
0805
C174
10nF
50V
0805
R155
2.70k
1206
R155
2.70k
1206
R152
2.70k
1206
R152
2.70k
1206
C130
270uF
50V
C130
270uF
50V
2
1
C106
100nF
0805
50V
C106
100nF
0805
50V
C124
1200uF
50V
C124
1200uF
50V
2
1
C114
10nF
1206
200V
C114
10nF
1206
200V
1
2
R124
1k8
SFR16
R124
1k8
SFR16
2
1
C108
100nF
0805
50V
C108
100nF
0805
50V
R151
2.70k
1206
R151
2.70k
1206
1
2
L144
22uH
8020P-01-200L
Kwang Sung
L144
22uH
8020P-01-200L
Kwang Sung
C122
270uF
50V
C122
270uF
50V
C182
10nF
50V
0805
C182
10nF
50V
0805
C143
470nF
63V
C143
470nF
63V
C179
10nF
50V
0805
C179
10nF
50V
0805
C129
270uF
50V
C129
270uF
50V
R165
1.00R
0805
R165
1.00R
0805
R171
1.00R
0805
R171
1.00R
0805
C175
10nF
50V
0805
C175
10nF
50V
0805
C121
270uF
50V
C121
270uF
50V
C164
10nF
50V
0805
C164
10nF
50V
0805
C170
10nF
50V
0805
C170
10nF
50V
0805
1
2
R115
10.0k
1206
R115
10.0k
1206
C160
10nF
50V
0805
C160
10nF
50V
0805
R117
15R
SFR16
R117
15R
SFR16
R150
2.70k
1206
R150
2.70k
1206
2
1
C113
10nF
1206
200V
C113
10nF
1206
200V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com