Electronic Components Datasheet Search
  English  ▼

X  

STB160N75F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB160N75F3
Description  N-channel 75V - 3.5m ohm - 120A - TO-220 - TO-247 - D2PAK MDmesh TM low voltage Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB160N75F3 Datasheet(HTML) 1 Page - STMicroelectronics

  STB160N75F3 Datasheet HTML 1Page - STMicroelectronics STB160N75F3 Datasheet HTML 2Page - STMicroelectronics STB160N75F3 Datasheet HTML 3Page - STMicroelectronics STB160N75F3 Datasheet HTML 4Page - STMicroelectronics STB160N75F3 Datasheet HTML 5Page - STMicroelectronics STB160N75F3 Datasheet HTML 6Page - STMicroelectronics STB160N75F3 Datasheet HTML 7Page - STMicroelectronics STB160N75F3 Datasheet HTML 8Page - STMicroelectronics STB160N75F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TARGET SPECIFICATION
This is preliminary information on a new product foreseen to be developed. Details are subject to change without notice.
February 2007
Rev 1
1/13
13
STB160N75F3
STP160N75F3 - STW160N75F3
N-channel 75V - 3.5m
Ω - 120A - TO-220 - TO-247 - D2PAK
MDmesh™ low voltage Power MOSFET
General features
■ Ultra low on-resistance
■ 100% Avalanche tested
Description
This N-channel enhancement mode Power
MOSFET is the latest refinement of
STMicroelectronics unique “Single Feature
Size™“strip-based process with less critical
alignment steps and therefore a remarkable
manufacturing reproducibility. The resulting
transistor shows extremely high packing density
for low on-resistance, rugged avalanche
characteristics and low gate charge.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STB160N75F3
75V
4.2m
Ω
120A (1)
1.
Current limited by package
STP160N75F3
75V
4.5m
Ω
120A (1)
STW160N75F3
75V
4.5m
Ω
120A (1)
1
2
3
TO-220
TO-247
1
3
D²PAK
www.st.com
Order codes
Part number
Marking
Package
Packaging
STB160N75F3
160N75F3
D²PAK
Tape & reel
STP160N75F3
160N75F3
TO-220
Tube
STW160N75F3
160N75F3
TO-247
Tube


Similar Part No. - STB160N75F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB160N75F3 STMICROELECTRONICS-STB160N75F3 Datasheet
390Kb / 16P
N-channel 75V - 3.5m廓 - 120A - TO-220 - TO-247 - D2PAK STripFET??Power MOSFET
02-Oct-2007
logo
Inchange Semiconductor ...
STB160N75F3 ISC-STB160N75F3 Datasheet
345Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB160N75F3_0710 STMICROELECTRONICS-STB160N75F3_0710 Datasheet
390Kb / 16P
N-channel 75V - 3.5m廓 - 120A - TO-220 - TO-247 - D2PAK STripFET??Power MOSFET
02-Oct-2007
More results

Similar Description - STB160N75F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP11NM80 STMICROELECTRONICS-STP11NM80 Datasheet
582Kb / 14P
N-CHANNEL 800V - 0.35ohm - 11A TO-220/FP/D2PAK/TO-247 MDmesh Power MOSFET
20-Oct-2005
STP22NM60 STMICROELECTRONICS-STP22NM60 Datasheet
386Kb / 11P
N-CHANNEL 600V - 0.19 ohm - 22A TO-220/FP/D2PAK/I2PAK/TO-247 MDmesh™ Power MOSFET
Jun-2003
STB180N55 STMICROELECTRONICS-STB180N55 Datasheet
178Kb / 11P
N-CHANNEL 55V - 2.9m-ohm - 120A - D-2 PAK - TO-220 MDmesh-TM Low Voltage Power MOSFET
03-Jan-2006
STW220NF75 STMICROELECTRONICS-STW220NF75 Datasheet
526Kb / 8P
N-CHANNEL 75V - 0.004OHM - 120A TO-247 STripFET II POWER MOSFET
May-2003
STB300NH02L STMICROELECTRONICS-STB300NH02L Datasheet
474Kb / 14P
N-channel 24V - 120A - TO-220 / D2PAK STripFET TM Power MOSFET
21-Feb-2007
STB100NF04 STMICROELECTRONICS-STB100NF04_07 Datasheet
394Kb / 17P
N-channel 40V - 0.0043ohm - 120A - TO-220 - D2PAK STripFET TM II Power MOSFET
20-Feb-2007
STB150NF55 STMICROELECTRONICS-STB150NF55_06 Datasheet
561Kb / 19P
N-channel 55V - 0.005廓 - 120A - D2PAK/TO-220/TO-247 STripFET??II Power MOSFET
26-Jun-2006
STB160N75F3_0710 STMICROELECTRONICS-STB160N75F3_0710 Datasheet
390Kb / 16P
N-channel 75V - 3.5m廓 - 120A - TO-220 - TO-247 - D2PAK STripFET??Power MOSFET
02-Oct-2007
STB300NH02L_0709 STMICROELECTRONICS-STB300NH02L_0709 Datasheet
329Kb / 14P
N-channel 24V - 120A - TO-220 / D2PAK STripFET??Power MOSFET
25-Sep-2007
STB140NF75T4 STMICROELECTRONICS-STB140NF75T4 Datasheet
545Kb / 18P
N-channel 75V - 0.0065 - 120A - D2PAK/I2/TO-220 STripFET III Power MOSFET
28-Jun-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com