Electronic Components Datasheet Search
  English  ▼

X  

TPS73619DBVR Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS73619DBVR
Description  Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73619DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS73619DBVR Datasheet HTML 9Page - Texas Instruments TPS73619DBVR Datasheet HTML 10Page - Texas Instruments TPS73619DBVR Datasheet HTML 11Page - Texas Instruments TPS73619DBVR Datasheet HTML 12Page - Texas Instruments TPS73619DBVR Datasheet HTML 13Page - Texas Instruments TPS73619DBVR Datasheet HTML 14Page - Texas Instruments TPS73619DBVR Datasheet HTML 15Page - Texas Instruments TPS73619DBVR Datasheet HTML 16Page - Texas Instruments TPS73619DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
www.ti.com
Reverse Current
Power Dissipation
Thermal Protection
P
D
+ (VIN * VOUT)
I
OUT
(6)
Package Mounting
TPS736xx
SBVS038N – SEPTEMBER 2003 – REVISED JANUARY 2007
+35
°C above the maximum expected ambient
condition of your application. This produces a
The NMOS pass element of the TPS736xx provides
worst-case junction temperature of +125
°C at the
inherent protection against current flow from the
highest
expected
ambient
temperature
and
output of the regulator to the input when the gate of
worst-case load.
the pass device is pulled low. To ensure that all
charge is removed from the gate of the pass
The internal protection circuitry of the TPS736xx has
element, the enable pin must be driven low before
been
designed
to
protect
against
overload
the input voltage is removed. If this is not done, the
conditions. It was not intended to replace proper heat
pass element may be left on due to stored charge on
sinking. Continuously running the TPS736xx into
the gate.
thermal shutdown will degrade reliability.
After the enable pin is driven low, no bias voltage is
needed on any pin for reverse current blocking. Note
that reverse current is specified as the current
The ability to remove heat from the die is different for
flowing out of the IN pin due to voltage applied on
each
package
type,
presenting
different
the OUT pin. There will be additional current flowing
considerations in the PCB layout. The PCB area
into the OUT pin due to the 80k
Ω internal resistor
around the device that is free of other components
divider to ground (see Figure 1 and Figure 2).
moves the heat from the device to the ambient air.
Performance data for JEDEC low and high K boards
For the TPS73601, reverse current may flow when
are shown in the Power Dissipation Ratings table.
VFB is more than 1.0V above VIN.
Using heavier copper will increase the effectiveness
in removing heat from the device. The addition of
plated through-holes to heat-dissipating layers will
also improve the heat-sink effectiveness.
Thermal protection disables the output when the
junction temperature rises to approximately +160
°C,
Power dissipation depends on input voltage and load
allowing the device to cool. When the junction
conditions. Power dissipation (PD) is equal to the
temperature cools to approximately +140
°C, the
product of the output current times the voltage drop
output circuitry is again enabled. Depending on
across the output pass element (VIN to VOUT):
power dissipation, thermal resistance, and ambient
temperature, the thermal protection circuit may cycle
on and off. This limits the dissipation of the regulator,
Power dissipation can be minimized by using the
protecting it from damage due to overheating.
lowest possible input voltage necessary to assure
Any tendency to activate the thermal protection
the required output voltage.
circuit indicates excessive power dissipation or an
inadequate heat sink. For reliable operation, junction
temperature should be limited to +125
°C maximum.
To estimate the margin of safety in a complete
Solder
pad
footprint
recommendations
for
the
design (including heat sink), increase the ambient
TPS736xx are presented in Application Bulletin
temperature until the thermal protection is triggered;
Solder Pad Recommendations for Surface-Mount
use worst-case loads and signal conditions. For good
Devices
(SBFA015),
available
from
the
Texas
reliability, thermal protection should trigger at least
Instruments web site at www.ti.com.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com