Electronic Components Datasheet Search
  English  ▼

X  

STV160NF03L Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV160NF03L
Description  N-CHANNEL 30V - 0.0019OHM - 160A PowerSO-10 STripFET TM POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV160NF03L Datasheet(HTML) 3 Page - STMicroelectronics

  STV160NF03L_02 Datasheet HTML 1Page - STMicroelectronics STV160NF03L_02 Datasheet HTML 2Page - STMicroelectronics STV160NF03L_02 Datasheet HTML 3Page - STMicroelectronics STV160NF03L_02 Datasheet HTML 4Page - STMicroelectronics STV160NF03L_02 Datasheet HTML 5Page - STMicroelectronics STV160NF03L_02 Datasheet HTML 6Page - STMicroelectronics STV160NF03L_02 Datasheet HTML 7Page - STMicroelectronics STV160NF03L_02 Datasheet HTML 8Page - STMicroelectronics STV160NF03L_02 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
STV160NF03L
ELECTRICAL CHARACTERISTICS (CONTINUED)
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
VDD =15 V,ID =80A
RG = 4.7Ω VGS =10V
(see test circuit, Figure 3)
30
ns
tr
Rise Time
380
ns
Qg
Total Gate Charge
VDD =24 V,ID =160 A,
VGS =10 V
103
140
nC
Qgs
Gate-Source Charge
21
nC
Qgd
Gate-Drain Charge
38
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off-Delay Time
Fall Time
VDD =15 V,ID =80 A,
RG =4.7Ω, VGS =10 V
(see test circuit, Figure 5)
80
170
ns
ns
td(off)
tr(Voff)
tf
tc
Turn-off Delay Time
Off-voltage Rise Time
Fall Time
Cross-over Time
Vclamp = 24 V, ID =40A
RG =4.7Ω, VGS = 10V
75
25
90
125
ns
ns
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain Current
160
A
ISDM (1)
Source-drain Current (pulsed)
640
A
VSD (2)
Forward On Voltage
ISD = 160 A, VGS =0
1.5
V
trr
Reverse Recovery Time
ISD = 80 A, di/dt = 100A/µs,
VDD =15V, Tj = 25°C
(see test circuit, Figure 5)
80
ns
Qrr
Reverse Recovery Charge
180
nC
IRRM
Reverse Recovery Current
4.5
A
Safe Operating Area
Thermal Impedance



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com