Electronic Components Datasheet Search
  English  ▼

X  

54115240 Datasheet(PDF) 1 Page - Lapp.

Part # 54115240
Description  SKINTOP® K-M / KR-M ATEX plus
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

54115240 Datasheet(HTML) 1 Page - Lapp.

  54115240 Datasheet HTML 1Page - Lapp. 54115240 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
54115200
DATA SHEET
Valid from:
20.06.2023
SKINTOP® K-M / KR-M ATEX plus
Creator: V. Charcenko /PDP
Released: DAMU1/PDP
Document: DB54115200EN
Version: 13
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
The SKINTOP® K-M / KR-M ATEX
plus is a special cable gland, based of polyamide. It is
designed particularly for the use in electrical equipment in areas with risk of explosion,
which require class ”e” security (DIN EN 60079-0, DIN EN 60079-7, DIN EN 60079-31,
IEC60079-0, IEC 60079-7, IEC 60079-31).
Components:
Gland body
Polyamide
Cap nut
Polyamide
Sealing ring
CR
O-ring:
NBR
Technical features:
Connecting thread
M12x1.5 up to M63x1.5 acc. to EN 60423
Functional thread
Multi-start trapezoidal thread
Protection class
IP66 acc. to EN 60529
IP68 – 10 bar, test acc. to EN 60529
Temperature range
-20 °C up to +80 °C
Design
K-M
standard
KR-M
with reducing sealing ring (for smaller cable diameters)
Colour
RAL 9005 black, UV resistant
Approvals:
EC Type Examination Certification:
IBExU 08 ATEX 1063x
IECEx Certificate:
IECEx IBE 13.0027x
Norm references:


Similar Part No. - 54115240

ManufacturerPart #DatasheetDescription
logo
Lapp.
54115400 LAPP-54115400 Datasheet
153Kb / 2P
SKINTOP® K-M / KR-M ATEX plus blue
02.12.2021
54115405 LAPP-54115405 Datasheet
153Kb / 2P
SKINTOP® K-M / KR-M ATEX plus blue
02.12.2021
54115410 LAPP-54115410 Datasheet
153Kb / 2P
SKINTOP® K-M / KR-M ATEX plus blue
02.12.2021
54115415 LAPP-54115415 Datasheet
153Kb / 2P
SKINTOP® K-M / KR-M ATEX plus blue
02.12.2021
54115420 LAPP-54115420 Datasheet
153Kb / 2P
SKINTOP® K-M / KR-M ATEX plus blue
02.12.2021
More results

Similar Description - 54115240

ManufacturerPart #DatasheetDescription
logo
Lapp.
53017420 LAPP-53017420 Datasheet
327Kb / 2P
SKINTOP® BT-M
25.11.2021
53111600 LAPP-53111600 Datasheet
334Kb / 2P
SKINTOP® BS-M / BSR-M
20.06.2023
53112500 LAPP-53112500 Datasheet
134Kb / 2P
SKINTOP® MS- M BRUSH 75 plus / 90 / 110 plus
17.12.2020
53113300 LAPP-53113300 Datasheet
231Kb / 2P
SKINTOP® SOLAR / SKINTOP® SOLAR plus
02.12.2021
53113500 LAPP-53113500 Datasheet
256Kb / 2P
SKINTOP® COLD M / COLD-R M
02.12.2021
53119000 LAPP-53119000 Datasheet
121Kb / 2P
SKINTOP® GMP-GL-M
19.02.2019
53316220 LAPP-53316220 Datasheet
152Kb / 3P
SKINTOP® DIX-M
08.03.2022
54113000 LAPP-54113000 Datasheet
86Kb / 1P
SKINTOP® DV-M
03.07.2018
54113002 LAPP-54113002 Datasheet
116Kb / 2P
SKINTOP® SDV-M / SDVR-M ATEX
03.07.2018
54115400 LAPP-54115400 Datasheet
153Kb / 2P
SKINTOP® K-M / KR-M ATEX plus blue
02.12.2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com