Electronic Components Datasheet Search
  English  ▼

X  

61721868 Datasheet(PDF) 1 Page - Lapp.

Part # 61721868
Description  Conductor end sleeves insulated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

61721868 Datasheet(HTML) 1 Page - Lapp.

  61721868 Datasheet HTML 1Page - Lapp. 61721868 Datasheet HTML 2Page - Lapp. 61721868 Datasheet HTML 3Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
61721866
DATA SHEET
Valid from:
03.12.2020
Conductor end sleeves insulated
Document: DB61721866EN
Version: 00
Page 1 of 3
Insulated single ferrules
Material:
Sleeve
Copper, tin-plated
Insertion funnel
Polypropylene
Technical Features:
Nominal wide
0,25mm² up to 150mm²
Temperature range
up to +105°C
Approbation:
E507990
Reference standards:
DIN 46228 – Part 4
Suitable tools:
PEW 8.185 Crimping tool
PEW 8.186 Crimping tool
PEW 8.87 Crimping tool
CK 90 Crimping tool
For more information please see our current catalogue. Please do not hesitate to contact our laboratory if there are any
questions regarding resistance against aggressive agents and special oil.


Similar Part No. - 61721868

ManufacturerPart #DatasheetDescription
logo
Lapp.
61721340 LAPP-61721340 Datasheet
72Kb / 1P
RSK one-piece screen connector
13.03.2019
61721350 LAPP-61721350 Datasheet
72Kb / 1P
RSK one-piece screen connector
13.03.2019
61721360 LAPP-61721360 Datasheet
72Kb / 1P
RSK one-piece screen connector
13.03.2019
More results

Similar Description - 61721868

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QF-40-01 QUALTEK-QF-40-01 Datasheet
302Kb / 1P
Filter Media for QLM Sleeves
logo
Productwell Precision E...
QLM-40-20-10 PRODUCTWELL-QLM-40-20-10 Datasheet
837Kb / 1P
QLM Fan Vibration Sleeves
logo
Qualtek Electronics Cor...
QLM-40-20-10 QUALTEK-QLM-40-20-10 Datasheet
2Mb / 2P
QLM Fan Vibration Sleeves
logo
List of Unclassifed Man...
WB26SM ETC2-WB26SM Datasheet
62Kb / 1P
WIRE WRAPPING BITS & SLEEVES
1344169 ETC2-1344169 Datasheet
95Kb / 2P
Tinned copper conductor, rubber insulated.
logo
PHOENIX CONTACT
CRIMPFOX-ZA3-1 PHOENIX-CRIMPFOX-ZA3-1 Datasheet
99Kb / 3P
Crimping pliers for non-insulated slip-on connection sleeves 2.8 and 4.8 mm
0604707 PHOENIX-0604707 Datasheet
51Kb / 2P
Insulating sleeve, as touch protection, slide onto the conductor before for 6.3 slip-on sleeves
0801014 PHOENIX-0801014 Datasheet
55Kb / 3P
WMS shrink sleeves provide permanent and captive conductor and cable marking
1406700 PHOENIX-1406700 Datasheet
49Kb / 2P
Insulating sleeve, as touch protection, slide onto the conductor before for 2.8 slip-on sleeves
logo
WAGO Kontakttechnik Gmb...
869-344 WAGO-869-344 Datasheet
331Kb / 13P
2-conductor end terminal block; without push-buttons
29.12.2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com