Electronic Components Datasheet Search
  English  ▼

X  

SIE810DF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIE810DF
Description  N-Channel 20-V (D-S) MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIE810DF Datasheet(HTML) 1 Page - Vishay Siliconix

  SIE810DF Datasheet HTML 1Page - Vishay Siliconix SIE810DF Datasheet HTML 2Page - Vishay Siliconix SIE810DF Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Vishay Siliconix
SPICE Device Model SiE810DF
N-Channel 20-V (D-S) MOSFET
CHARACTERISTICS
• N-Channel Vertical DMOS
• Macro Model (Subcircuit Model)
• Level 3 MOS
• Apply for both Linear and Switching Application
• Accurate over the −55 to 125°C Temperature Range
• Model the Gate Charge, Transient, and Diode Reverse Recovery
Characteristics
DESCRIPTION
The attached spice model describes the typical electrical
characteristics of the n-channel vertical DMOS.
The subcircuit
model is extracted and optimized over the
−55 to 125°C
temperature ranges under the pulsed 0-V to 4.5-V gate drive. The
saturated output impedance is best fit at the gate bias near the
threshold voltage.
A novel gate-to-drain feedback capacitance network is used to model
the gate charge characteristics while avoiding convergence difficulties
of the switched Cgd model. All model parameter values are optimized
to provide a best fit to the measured electrical data and are not
intended as an exact physical interpretation of the device.
SUBCIRCUIT MODEL SCHEMATIC
This document is intended as a SPICE modeling guideline and does not constitute a commercial product data sheet. Designers should refer to the appropriate
data sheet of the same number for guaranteed specification limits.
1
www.vishay.com
Document Number: 74188
S-60992
Rev. A, 12-Jun-06


Similar Part No. - SIE810DF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIE810DF VISHAY-SIE810DF_V01 Datasheet
195Kb / 10P
N-Channel 20-V (D-S) MOSFET
13-Jul-09
More results

Similar Description - SIE810DF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1906DL VISHAY-SI1906DL Datasheet
43Kb / 4P
N-Channel 20-V (D-S) MOSFET
28-Aug-00
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
N-Channel 20-V (D-S) MOSFET
15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
N-Channel 20-V (D-S) MOSFET
31-Oct-05
SI7348DP VISHAY-SI7348DP Datasheet
50Kb / 5P
N-Channel 20-V (D-S) MOSFET
31-Mar-03
SI5432DC VISHAY-SI5432DC Datasheet
112Kb / 7P
N-Channel 20-V (D-S) MOSFET
22-Sep-08
logo
Guangdong Kexin Industr...
KI2314EDS KEXIN-KI2314EDS Datasheet
50Kb / 2P
N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SIR440DP VISHAY-SIR440DP Datasheet
112Kb / 7P
N-Channel 20-V (D-S) MOSFET
04-Aug-08
SIR484DP VISHAY-SIR484DP Datasheet
126Kb / 7P
N-Channel 20-V (D-S) MOSFET
03-Nov-08
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
N-Channel 20 V (D-S) MOSFET
30-Apr-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com