Electronic Components Datasheet Search
  English  ▼

X  

OM3906SC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OM3906SC
Description  DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OM3906SC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OM3906SC Datasheet HTML 1Page - List of Unclassifed Manufacturers OM3906SC Datasheet HTML 2Page - List of Unclassifed Manufacturers OM3906SC Datasheet HTML 3Page - List of Unclassifed Manufacturers OM3906SC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3.3 - 107
3.3
Dual 5V, 12V and 15V, 1.5 Amp Fixed
Voltage Regulators In Single Hermetic
MO-078AA Package
4 11 R0
DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE
REGULATORS APPROVED TO DESC DRAWING
FEATURES
• Positive And Negative Regulators In One Package
• Isolated Hermetic Package, JEDEC MO-078AA
• Output Voltages 5V, 12V and 15V
• Output Voltages Set Internally To ±1.0%
• Built-In Thermal Overload Protection
• Short Circuit Current Limiting
• Similar to Industry Standards 7800 & 7900 Series
DESCRIPTION
This series of products offers a positive and a negative fixed voltage regulator in one
hermetically sealed, 5 pin package whose outline is similar to the industry standard
TO-247 package. With heat sinking, they can regulate over 1.5 Amp of output current
per device. Standard voltages are + or - 5V, 12V and 15V. Output voltages are
internally trimmed to ±1.0% of nominal voltage. These devices are ideally suited for
Military applications where small size and high reliability are required.
To order, use the following Omnirel part numbers to determine the required output
voltage of each regulator within one package.
OM3909SC
OM3907SC
OM3908SC
OM3905SC
OM3906SC
OM3903SC
OM3904SC
OM3901SC
OM3902SC
Standard
Military Drawing Number
5962-8949002 XX
5962-8949003 XX
5962-8949004 XX
5962-8949005 XX
5962-8949006 XX
5962-8949007 XX
5962-8949008 XX
5962-8949009 XX
5962-8949001 XX
Omnirel
Output Voltages
Part Number
Positive
Negative
OM3901SC
+5V
-5V
OM3902SC
+5V
-12V
OM3903SC
+5V
-15V
OM3904SC
+12V
-5V
OM3905SC
+12V
-12V
OM3906SC
+12V
-15V
OM3907SC
+15V
-5V
OM3908SC
+15V
-12V
OM3909SC
+15V
-15V
PART NUMBER DESIGNATOR


Similar Part No. - OM3906SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM3906SC ETC2-OM3906SC Datasheet
36Kb / 4P
DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING
More results

Similar Description - OM3906SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM1905NMM ETC-OM1905NMM Datasheet
26Kb / 4P
HERMETIC SURFACE MOUNT FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWINGS
OM2940STM ETC-OM2940STM Datasheet
38Kb / 4P
0.5 VOLT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATOR APPROVED TO DESC DRAWING
OM1805N2M ETC1-OM1805N2M Datasheet
26Kb / 4P
HERMETIC SURFACE MOUNT FIXED VOLTAGE POSITIVE REGULATORS APPROVED TO DESC DRAWINGS
OM7500SC ETC-OM7500SC Datasheet
52Kb / 5P
DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
logo
International Rectifier
OM1905N2M IRF-OM1905N2M Datasheet
29Kb / 4P
HERMETIC SURFACE MOUNT FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWING
logo
List of Unclassifed Man...
OM1805NMM ETC2-OM1805NMM Datasheet
30Kb / 4P
HERMETIC SURFACE MOUNT FIXED VOLTAGE POSITIVE REGULATORS APPROVED TO DESC DRAWINGS
OM1905NKM ETC2-OM1905NKM Datasheet
36Kb / 4P
HERMETIC TO-3 FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWINGS
OM3901SC ETC2-OM3901SC Datasheet
36Kb / 4P
DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING
OM1905STM ETC2-OM1905STM Datasheet
35Kb / 4P
ISOLATED HERMETIC FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWINGS
logo
International Rectifier
5962-87782012A IRF-5962-87782012A Datasheet
30Kb / 4P
HERMETIC SURFACE MOUNT FIXED VOLTAGE POSITIVE REGULATORS APPROVED TO DESC DRAWINGS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com