Electronic Components Datasheet Search
  English  ▼

X  

LVC138A Datasheet(PDF) 6 Page - Texas Instruments

Part # LVC138A
Description  3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LVC138A Datasheet(HTML) 6 Page - Texas Instruments

Back Button LVC138A Datasheet HTML 2Page - Texas Instruments LVC138A Datasheet HTML 3Page - Texas Instruments LVC138A Datasheet HTML 4Page - Texas Instruments LVC138A Datasheet HTML 5Page - Texas Instruments LVC138A Datasheet HTML 6Page - Texas Instruments LVC138A Datasheet HTML 7Page - Texas Instruments LVC138A Datasheet HTML 8Page - Texas Instruments LVC138A Datasheet HTML 9Page - Texas Instruments LVC138A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
Switching Characteristics
SN54LVC138A, SN74LVC138A
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SCAS291T – MARCH 1993 – REVISED JULY 2005
over recommended operating free-air temperature range (unless otherwise noted)
SN54LVC138A
SN74LVC138A
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP(1) MAX
MIN
TYP(1)
MAX
1.65 V to 3.6 V
VCC – 0.2
IOH = –100 µA
2.7 V to 3.6 V
VCC – 0.2
IOH = –4 mA
1.65 V
1.2
VOH
IOH = –8 mA
2.3 V
1.7
V
2.7 V
2.2
2.2
IOH = –12 mA
3 V
2.4
2.4
IOH = –24 mA
3 V
2.2
2.2
1.65 V to 3.6 V
0.2
IOL = 100 µA
2.7 V to 3.6 V
0.2
IOL = 4 mA
1.65 V
0.45
VOL
V
IOL = 8 mA
2.3 V
0.7
IOL = 12 mA
2.7 V
0.4
0.4
IOL = 24 mA
3 V
0.55
0.55
II
VI = 5.5 V or GND
3.6 V
±5
±5
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
10
10
µA
One input at VCC – 0.6 V,
∆I
CC
2.7 V to 3.6 V
500
500
µA
Other inputs at VCC or GND
Ci
VI = VCC or GND
3.3 V
5
5
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN54LVC138A
FROM
TO
VCC = 3.3 V
PARAMETER
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
± 0.3 V
MIN
MAX
MIN
MAX
A or B or C
7.9
1
6.7
tpd
G2A or G2B
Y
7.4
1
6.5
ns
G1
6.4
1
5.8
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN74LVC138A
FROM
TO
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
PARAMETER
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
± 0.15 V
± 0.2 V
± 0.3 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A or B or C
1
22
1
9.9
1
7.9
1
6.7
tpd
G2A or G2B
Y
1
21
1
9.4
1
7.4
1
6.5
ns
G1
1
20.3
1
8.4
1
6.4
1
5.8
tsk(o)
1
ns
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com