Electronic Components Datasheet Search
  English  ▼

X  

1SMA64CAT3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 1SMA64CAT3
Description  400 Watt Peak Power Zener Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SMA64CAT3 Datasheet(HTML) 3 Page - ON Semiconductor

  1SMA64CAT3 Datasheet HTML 1Page - ON Semiconductor 1SMA64CAT3 Datasheet HTML 2Page - ON Semiconductor 1SMA64CAT3 Datasheet HTML 3Page - ON Semiconductor 1SMA64CAT3 Datasheet HTML 4Page - ON Semiconductor 1SMA64CAT3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1SMA10CAT3 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
Device*
Device
Marking
VRWM
(Note 4)
IR @ VRWM
Breakdown Voltage
VC @ IPP
(Note 6)
C Typ.
(Note 7)
VBR (Volts) (Note 5)
@ IT
VC
IPP
Volts
mA
Min
Nom
Max
mA
Volts
Amps
pF
1SMA10CAT3, G
QXC
10
2.5
11.1
11.69
12.27
1.0
17.0
23.5
580
1SMA11CAT3, G
QZC
11
2.5
12.2
12.84
13.48
1.0
18.2
22.0
530
1SMA12CAT3, G
REC
12
2.5
13.3
14.00
14.70
1.0
19.9
20.1
490
1SMA13CAT3, G
RGC
13
2.5
14.4
15.16
15.92
1.0
21.5
18.6
455
1SMA14CAT3, G
RKC
14
2.5
15.6
16.42
17.24
1.0
23.2
17.2
425
1SMA15CAT3, G
RMC
15
2.5
16.7
17.58
18.46
1.0
24.4
16.4
400
1SMA16CAT3, G
RPC
16
2.5
17.8
18.74
19.67
1.0
26.0
15.4
375
1SMA18CAT3, G
RTC
18
2.5
20
21.06
22.11
1.0
29.2
13.7
335
1SMA20CAT3, G
RVC
20
2.5
22.2
23.37
24.54
1.0
32.4
12.3
305
1SMA22CAT3, G
RXC
22
2.5
24.4
25.69
26.97
1.0
35.5
11.3
280
1SMA24CAT3, G
RZC
24
2.5
26.7
28.11
29.51
1.0
38.9
10.3
260
1SMA26CAT3, G
SEC
26
2.5
28.9
30.42
31.94
1.0
42.1
9.5
240
1SMA28CAT3, G
SGC
28
2.5
31.1
32.74
34.37
1.0
45.4
8.8
225
1SMA30CAT3, G
SKC
30
1.0
33.3
35.06
36.81
1.0
48.4
8.3
210
1SMA33CAT3, G
SMC
33
2.5
36.7
38.63
40.56
1.0
53.3
7.5
190
1SMA36CAT3, G
SPC
36
2.5
40
42.11
44.21
1.0
58.1
6.9
175
1SMA40CAT3, G
SRC
40
2.5
44.4
46.74
49.07
1.0
64.5
6.2
160
1SMA43CAT3, G
STC
43
2.5
47.8
50.32
52.83
1.0
69.4
5.8
150
1SMA48CAT3, G
SXC
48
2.5
53.3
56.11
58.91
1.0
77.4
5.2
135
1SMA51CAT3, G
SZC
51
2.5
56.7
59.69
62.67
1.0
82.4
4.9
130
1SMA54CAT3, G
TEC
54
2.5
60
63.16
66.32
1.0
87.1
4.6
120
1SMA58CAT3, G
TGC
58
2.5
64.4
67.79
71.18
1.0
93.6
4.3
115
1SMA60CAT3, G
TKC
60
2.5
66.7
70.21
73.72
1.0
96.8
4.1
110
1SMA64CAT3, G
TMC
64
2.5
71.1
74.84
78.58
1.0
103
3.9
105
1SMA70CAT3, G
TPC
70
2.5
77.8
81.90
85.99
1.0
113
3.5
95
1SMA78CAT3, G
TTC
78
2.5
86.7
91.27
95.83
1.0
126
3.2
90
4. A transient suppressor is normally selected according to the working peak reverse voltage (VRWM), which should be equal to or greater than
the DC or continuous peak operating voltage level
5. VBR measured at pulse test current IT at an ambient temperature of 25°C
6. Surge current waveform per Figure 2 and derate per Figure 3
7. Bias voltage = 0 V, F = 1.0 MHz, TJ = 25°C.
†Please see 1SMA5.0AT3 to 1SMA78AT3 for Unidirectional devices.
* The “G” suffix indicates Pb−Free package available.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com