Electronic Components Datasheet Search
  English  ▼

X  

STRH40N25FSY3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STRH40N25FSY3
Description  N-channel 250V - 0.084ohm - TO-254AA Rad-hard low gate charge STripFET TM Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH40N25FSY3 Datasheet(HTML) 1 Page - STMicroelectronics

  STRH40N25FSY3 Datasheet HTML 1Page - STMicroelectronics STRH40N25FSY3 Datasheet HTML 2Page - STMicroelectronics STRH40N25FSY3 Datasheet HTML 3Page - STMicroelectronics STRH40N25FSY3 Datasheet HTML 4Page - STMicroelectronics STRH40N25FSY3 Datasheet HTML 5Page - STMicroelectronics STRH40N25FSY3 Datasheet HTML 6Page - STMicroelectronics STRH40N25FSY3 Datasheet HTML 7Page - STMicroelectronics STRH40N25FSY3 Datasheet HTML 8Page - STMicroelectronics STRH40N25FSY3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PRELIMINARY DATA
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
March 2007
Rev 2
1/13
13
STRH40N25FSY3
N-channel 250V - 0.084
Ω - TO-254AA
Rad-hard low gate charge STripFET™ Power MOSFET
Features
■ Low RDS(on)
■ Fast switching
■ Single event effect (SEE) hardened
■ Low total gate charge
■ Light weight
■ 100% avalanche tested
■ Application oriented characterization
■ Hermetically sealed
■ Heavy ion SOA
■ 100kRad TID
■ SEL & SEGR with 34Mev/cm²/mg LET ions
Description
This Power MOSFET series realized with
STMicroelectronics unique STripFET process has
specifically been designed to improve immunity to
space effect. It is therefore suitable as power
switch in mainly high-efficiency DC-DC converters
and Motor Control applications. It is also intended
for any application with low gate charge drive
requirements.
Applications
■ Satellite
■ High reliability applications
Internal schematic diagram
Type
VDSS
STRH40N25FSY3
250V
TO-254AA
www.st.com
Order codes
Part number
Marking
Package
Packaging
STRH40N25FSY1(1)
1.
Mil temp range
RH40N25FSY1
TO-254AA
Individual strip pack
STRH40N25FSY3 (2)
2.
Space flights parts (full ESA flow screening)
RH40N25FSY3
TO-254AA
Individual strip pack


Similar Part No. - STRH40N25FSY3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STRH40N6 STMICROELECTRONICS-STRH40N6 Datasheet
444Kb / 16P
Rad-Hard N-channel 60 V, 30 A Power MOSFET
03-Oct-2012
More results

Similar Description - STRH40N25FSY3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
JANSR2N7397 INTERSIL-JANSR2N7397 Datasheet
44Kb / 8P
4A, 250V, 0.610 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
logo
STMicroelectronics
STB80NF10 STMICROELECTRONICS-STB80NF10 Datasheet
317Kb / 14P
N-channel 100V - 0.012OHM - 80A - TO-220 / D2PAK Low gate charge STRIPFET TM II Power MOSFET
25-Jan-2007
STB70NF3LL STMICROELECTRONICS-STB70NF3LL_06 Datasheet
465Kb / 13P
N-channel 30V - 0.0075ohm - 70A - D2PAK Low gate charge STripFET TM II Power MOSFET
25-Jul-2006
STB85NF3LL STMICROELECTRONICS-STB85NF3LL_06 Datasheet
391Kb / 13P
N-channel 30V - 0.006ohm - 85A - D2PAK Low gate charge STripFET TM II Power MOSFET
28-Jul-2006
STD40NF03L STMICROELECTRONICS-STD40NF03L_07 Datasheet
359Kb / 13P
N-channel 30V - 0.0090ohm - 40A - DPAK Low gate charge STripFET TM II Power MOSFET
February 2007
STD40NF3LL STMICROELECTRONICS-STD40NF3LL_07 Datasheet
394Kb / 13P
N-channel 30V - 0.009ohm - 40A - DPAK Low gate charge STripFET TM II Power MOSFET
20-Feb-2007
STD95NH02L STMICROELECTRONICS-STD95NH02L_06 Datasheet
463Kb / 15P
N-channel 24V - 0.005239ohm - 80A - DPAK Ultra low gate charge STripFET TM Power MOSFET
09-Aug-2006
STP14NF12 STMICROELECTRONICS-STP14NF12_06 Datasheet
311Kb / 14P
N-channel 120V - 0.16OHM - 14A - TO-220/TO-220FP Low gate charge STripFET TM II Power MOSFET
09-Aug-2006
STRH50P6FSY1 STMICROELECTRONICS-STRH50P6FSY1 Datasheet
244Kb / 13P
P-channel 60V - 0.047Ω - TO-254AA Rad-hard low gate charge STripFET??Power MOSFET
20-Nov-2007
STB50NF25 STMICROELECTRONICS-STB50NF25 Datasheet
342Kb / 14P
N-channel 250V - 0.055Ω - 45A - D2PAK - TO-220 low gate charge STripFET??Power MOSFET
14-Nov-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com