Electronic Components Datasheet Search
  English  ▼

X  

TPA321 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPA321
Description  350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA321 Datasheet(HTML) 2 Page - Texas Instruments

  TPA321 Datasheet HTML 1Page - Texas Instruments TPA321 Datasheet HTML 2Page - Texas Instruments TPA321 Datasheet HTML 3Page - Texas Instruments TPA321 Datasheet HTML 4Page - Texas Instruments TPA321 Datasheet HTML 5Page - Texas Instruments TPA321 Datasheet HTML 6Page - Texas Instruments TPA321 Datasheet HTML 7Page - Texas Instruments TPA321 Datasheet HTML 8Page - Texas Instruments TPA321 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
TPA321
SLOS312C – JUNE 2000 – REVISED JUNE 2004
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
AVAILABLE OPTIONS
PACKAGED DEVICES
MSOP
TA
SYMBOLIZATION
SMALL OUTLINE(1) (D)
MSOP(1) (DGN)
–40
°C to 85°C
TPA321D
TPA321DGN
AJB
(1)
The D and DGN packages are available taped and reeled. To order a taped and reeled part, add the
suffix R to the part number (e.g., TPA321DR).
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
VDD
Supply voltage
6 V
VI
Input voltage
–0.3 V to VDD +0.3 V
Continuous total power dissipation
Internally limited (see Dissipation Rating Table)
TA
Operating free-air temperature range
–40
°C to 85°C
TJ
Operating junction temperature range
–40
°C to 150°C
Tstg
Storage temperature range
–65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
D
725 mW
5.8 mW/
°C
464 mW
377 mW
DGN
2.14 W(1)
17.1 mW/
°C
1.37 W
1.11 W
(1)
See the Texas Instruments document, PowerPAD Thermally Enhanced Package Application Report
(literature number SLMA002), for more information on the PowerPAD™ package. The thermal data
was measured on a PCB layout based on the information in the section entitled Texas Instruments
Recommended Board for PowerPAD on page 33 of the before mentioned document.
MIN
MAX
UNIT
VDD
Supply voltage
2.5
5.5
V
VIH
High-level voltage
SHUTDOWN
0.9 VDD
V
VIL
Low-level voltage
SHUTDOWN
0.1 VDD
V
TA
Operating free-air temperature
–40
85
°C
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com