Electronic Components Datasheet Search
  English  ▼

X  

MBR1545CT Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # MBR1545CT
Description  MBR1545CT/MBRB1545CT/MBR1545CT-1 SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

MBR1545CT Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  MBR1545CT Datasheet HTML 1Page - SMC Diode Solutions Co. LTD MBR1545CT Datasheet HTML 2Page - SMC Diode Solutions Co. LTD MBR1545CT Datasheet HTML 3Page - SMC Diode Solutions Co. LTD MBR1545CT Datasheet HTML 4Page - SMC Diode Solutions Co. LTD MBR1545CT Datasheet HTML 5Page - SMC Diode Solutions Co. LTD MBR1545CT Datasheet HTML 6Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data
Data Sheet N0736, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
MBR1545CT
MBRB1545CT
MBR1545CT-1
MBR1545CT/MBRB1545CT/MBR1545CT-1
SCHOTTKY RECTIFIER
Features
Applications
MBR1545CT
MBRB1545CT
MBR1545CT-1
TO-220AB
D2PAK
TO-262
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
45
V
Average Rectified Forward Current
IF (AV)
50% duty cycle @Tc=125°C,
rectangular wave form
7.5(Per Leg)
A
15(Per Device)
Peak One Cycle Non-Repetitive Surge
Current(Per Leg)
IFSM
8.3ms, Half Sine pulse
180
A
Switching power supply
Converters
Free-Wheeling diodes
Reverse battery protection
150 C TJ operation
Center tap configuration
Low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request


Similar Part No. - MBR1545CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR1545CT MOTOROLA-MBR1545CT Datasheet
84Kb / 4P
SWITCHMODE??Power Rectifiers
logo
Diodes Incorporated
MBR1545CT DIODES-MBR1545CT Datasheet
88Kb / 2P
15A SCHOTTKY BARRIER RECTIFIER
DS23013 Rev. F-2
logo
General Semiconductor
MBR1545CT GE-MBR1545CT Datasheet
82Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR1545CT MCC-MBR1545CT Datasheet
105Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Fairchild Semiconductor
MBR1545CT FAIRCHILD-MBR1545CT Datasheet
75Kb / 3P
Schottky Rectifiers
More results

Similar Description - MBR1545CT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
5817SMJ MICROSEMI-5817SMJ Datasheet
120Kb / 3P
1 Amp Schottky Rectifier
CPS140 MICROSEMI-CPS140 Datasheet
61Kb / 1P
1 Amp Schottky Rectifier
HSM150J MICROSEMI-HSM150J Datasheet
92Kb / 2P
1 Amp Schottky Rectifier
HSM180G MICROSEMI-HSM180G Datasheet
92Kb / 2P
1 Amp Schottky Rectifier
MSG140 MICROSEMI-MSG140 Datasheet
88Kb / 2P
1 Amp Schottky Rectifier
logo
Vishay Siliconix
MBR150 VISHAY-MBR150_12 Datasheet
120Kb / 6P
Schottky Rectifier, 1 A
20-Sep-11
MBR1100 VISHAY-MBR1100_12 Datasheet
118Kb / 6P
Schottky Rectifier, 1 A
21-Sep-11
logo
GOOD-ARK Electronics
MBR1545CT GOOD-ARK-MBR1545CT Datasheet
316Kb / 6P
MBR1545CT
logo
Nanjing International G...
SMD1200PL-1A-SOD-123FL DGNJDZ-SMD1200PL-1A-SOD-123FL Datasheet
124Kb / 2P
1 Amp Schottky Rectifier
logo
SMC Diode Solutions Co....
MBRB1545CT SMCDIODE-MBRB1545CT Datasheet
225Kb / 4P
MBRB1545CT SCHOTTKY RECTIFIER
Rev. A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com