Electronic Components Datasheet Search
  English  ▼

X  

MBR2035 Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # MBR2035
Description  MBR2035/2045CT MBRB2035/2045CT MBR2035/2045CT-1 SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

MBR2035 Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  MBR2035 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD MBR2035 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD MBR2035 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD MBR2035 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD MBR2035 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD MBR2035 Datasheet HTML 6Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data
Data Sheet N0186, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
MBR2035/2045CT
MBRB2035/2045CT
MBR2035/2045CT-1
MBR2035/2045CT MBRB2035/2045CT MBR2035/2045CT-1
SCHOTTKY RECTIFIER
Features
Applications
MBR20...CT
MBRB20...CT
MBR20...CT-1
TO-220AB
D2PAK
TO-262
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
35
MBR2035CT
V
45
MBR2045CT
Average Rectified Forward Current
IF (AV)
50% duty cycle @Tc=95°C,
rectangular wave form
10(Per Leg)
A
20(Per Device)
Peak One Cycle Non-Repetitive Surge
Current(Per Leg)
IFSM
8.3ms, Half Sine pulse, TC = 25 C
200
A
Switching power supply
Converters
Free-Wheeling diodes
Reverse battery protection
150 C TJ operation
Center tap configuration
Low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request


Similar Part No. - MBR2035

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR2035 MCC-MBR2035 Datasheet
98Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Taiwan Semiconductor Co...
MBR2035 TSC-MBR2035 Datasheet
665Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR2035 KERSEMI-MBR2035 Datasheet
820Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2035 KERSEMI-MBR2035 Datasheet
470Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2035 KERSEMI-MBR2035 Datasheet
459Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBR2035

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
5817SMJ MICROSEMI-5817SMJ Datasheet
120Kb / 3P
1 Amp Schottky Rectifier
CPS140 MICROSEMI-CPS140 Datasheet
61Kb / 1P
1 Amp Schottky Rectifier
HSM150J MICROSEMI-HSM150J Datasheet
92Kb / 2P
1 Amp Schottky Rectifier
HSM180G MICROSEMI-HSM180G Datasheet
92Kb / 2P
1 Amp Schottky Rectifier
MSG140 MICROSEMI-MSG140 Datasheet
88Kb / 2P
1 Amp Schottky Rectifier
MS110 MICROSEMI-MS110 Datasheet
104Kb / 2P
1 Amp Schottky Rectifier
logo
International Rectifier
MBRS130LTRPBF IRF-MBRS130LTRPBF Datasheet
111Kb / 6P
SCHOTTKY RECTIFIER 1 Amp
logo
Vishay Siliconix
MBR150 VISHAY-MBR150_12 Datasheet
120Kb / 6P
Schottky Rectifier, 1 A
20-Sep-11
MBR1100 VISHAY-MBR1100_12 Datasheet
118Kb / 6P
Schottky Rectifier, 1 A
21-Sep-11
logo
Nanjing International G...
SMD1200PL-1A-SOD-123FL DGNJDZ-SMD1200PL-1A-SOD-123FL Datasheet
124Kb / 2P
1 Amp Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com