Electronic Components Datasheet Search
  English  ▼

X  

MBR2535 Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # MBR2535
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

MBR2535 Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  MBR2535 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD MBR2535 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD MBR2535 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD MBR2535 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD MBR2535 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD MBR2535 Datasheet HTML 6Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data
Data Sheet N0733, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
MBR2535 /2545CT
MBRB2535 /2545CT
MBR2535 /2545CT-1
MBR25…CT /MBRB25…CT /MBR25…CT-1
SCHOTTKY RECTIFIER
Features
Applications
MBR25...CT
MBRB25...CT
MBR25...CT-1
TO-220AB
D2PAK
TO-262
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
35
MBR2535CT
MBRB2535CT
MBR2535CT-1
V
45
MBR2545CT
MBRB2545CT
MBR2545CT-1
Average Rectified Forward Current
IF (AV)
50% duty cycle @Tc=130°C,
rectangular wave form
12.5(Per Leg)
A
25(Per Device)
Peak One Cycle Non-Repetitive Surge
Current(Per Leg)
IFSM
8.3ms, Half Sine pulse
150
A
Switching power supply
Converters
Free-Wheeling diodes
Reverse battery protection
175C TJ operation
Center tap configuration
Low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request


Similar Part No. - MBR2535

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR2535 MOTOROLA-MBR2535 Datasheet
82Kb / 4P
SWITCHMODE??Power Rectifiers
logo
Micro Commercial Compon...
MBR2535 MCC-MBR2535 Datasheet
98Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2535 KERSEMI-MBR2535 Datasheet
819Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Sangdest Microelectroni...
MBR2535 SMC-MBR2535 Datasheet
204Kb / 6P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
logo
Motorola, Inc
MBR2535CT MOTOROLA-MBR2535CT Datasheet
82Kb / 4P
SWITCHMODE??Power Rectifiers
More results

Similar Description - MBR2535

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com