Electronic Components Datasheet Search
  English  ▼

X  

UPOS-M07G Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # UPOS-M07G
Description  7" 2nd display for UPOS-211 Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UPOS-M07G Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  UPOS-M07G Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UPOS-M07G
7" 2nd display for UPOS-211 Series
Specifications
Resolution
7"LCD Monitor (LED Backlight)/ 800 x 480
Brightness
350 cd/m2
Ratio
1
6:9
Signal Input
USB
Color Option
Black,White
Power
DC 5V
OS Support
Windows 7/8
/10
Dimensions
189 x121 x 52 mm
Operating Temperature
0 ~ 40° C
Packing List
Description
Quantity
7" display Unit
1
Screw
2
Installation Guide
1
Ordering Information
P/N
UPOS-M07G-BST00
UPOS-M07G-WST00
Description
7" 2nd display,Glass, rear mount for UPOS-211,black
7" 2nd display,Glass, rear mount for UPOS-211, White
Specifications
Resolution
10.1” LCD Monitor (LED Backlight)/ 1024 x 600
Brightness
350 cd/m2
Ratio
16 : 9
Signal Input
VGA
Color Option
Black,White
Power
DC12V
OS Support
Windows 7/8
/10, Linux
Dimensions
269 x171 x 66 mm
Operating Temperature
0 ~ 40° C
Packing List
Quantity
1
2
1
Description
10.1" display Unit
Screw
User manual
Ordering Information
P/N
U
POS-M10G-BST10
U
POS-M10G-WST00
Description
10.1" 2nd display,Glass, rear mount for UPOS-211,black
10.1" 2nd display,Glass, rear mount for UPOS-211, White
Ubiquitous
POS 2XX Modules
All product specifications are subject to change without notice
Last updated :
19-Nov-2017
UPOS-M10G
10" 2nd display for UPOS-211 Series


Similar Part No. - UPOS-M07G

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UPOS-M07G-BST00 ADVANTECH-UPOS-M07G-BST00 Datasheet
1,020Kb / 3P
15" Ubiquitous POS Terminal
More results

Similar Description - UPOS-M07G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSO1150 VISHAY-TDSO1150 Datasheet
163Kb / 8P
Standard 7- Segment Display 7 mm
31-Aug-04
logo
RF Monolithics, Inc
SF1091A RFM-SF1091A Datasheet
236Kb / 9P
211 MHz SAW Filter
logo
Vishay Siliconix
TDSG1150 VISHAY-TDSG1150_10 Datasheet
159Kb / 12P
Standard 7-Segment Display 7 mm
30-Jun-10
logo
List of Unclassifed Man...
BFS-15W02 ETC2-BFS-15W02 Datasheet
434Kb / 2P
VGA output for 2nd monitor
logo
Rohm
SML-211UTT86K ROHM-SML-211UTT86K Datasheet
116Kb / 3P
SML-211 Series
logo
Murata Manufacturing Co...
SF1091A MURATA-SF1091A Datasheet
84Kb / 4P
211 MHz SAW Filter
logo
TriQuint Semiconductor
855444 TRIQUINT-855444_15 Datasheet
422Kb / 6P
211 MHz SAW Filter
856378 TRIQUINT-856378_15 Datasheet
455Kb / 5P
211 MHz SAW Filter
logo
Advantech Co., Ltd.
UPOS-P01 ADVANTECH-UPOS-P01 Datasheet
196Kb / 1P
VFD, rear mount for UPOS-211
19-Nov-2017
USC-P01 ADVANTECH-USC-P01 Datasheet
253Kb / 1P
VFD, rear mount for UPOS-211
19-Nov-2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com