Electronic Components Datasheet Search
  English  ▼

X  

75C1168 Datasheet(PDF) 9 Page - Texas Instruments

Part # 75C1168
Description  DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

75C1168 Datasheet(HTML) 9 Page - Texas Instruments

Back Button 75C1168 Datasheet HTML 5Page - Texas Instruments 75C1168 Datasheet HTML 6Page - Texas Instruments 75C1168 Datasheet HTML 7Page - Texas Instruments 75C1168 Datasheet HTML 8Page - Texas Instruments 75C1168 Datasheet HTML 9Page - Texas Instruments 75C1168 Datasheet HTML 10Page - Texas Instruments 75C1168 Datasheet HTML 11Page - Texas Instruments 75C1168 Datasheet HTML 12Page - Texas Instruments 75C1168 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SN65C1167, SN75C1167, SN65C1168, SN75C1168
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SLLS159E − MARCH 1993 − REVISED NOVEMBER 2003
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
RL
VCC
Device
Under
Test
CL = 50 pF
(see Note A)
S1
TEST CIRCUIT
tPZL
tPLZ
3 V
0 V
RE Input
1.3 V
1.3 V
GND
0.5 V
Output
VOH
VCC
0.5 V
Output
VOL
50%
50%
tPZH
tPHZ
VID = −2.5 V
or 2.5 V
tPZH, tPHZ Measurement: S1 to GND
tPZL, tPLZ Measurement: S1 to VCC
VOLTAGE WAVEFORMS
RE Input
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: PRR
≤ 1 MHz, duty cycle = 50%, tr = tf ≤ 6 ns.
Figure 6. Receiver Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com