Electronic Components Datasheet Search
  English  ▼

X  

70045 Datasheet(PDF) 1 Page - Belden Inc.

Part # 70045
Description  Speaker Cable LSZH 2x1.5mm², CPR Dca.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

70045 Datasheet(HTML) 1 Page - Belden Inc.

  70045 Datasheet HTML 1Page - Belden Inc. 70045 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 70045
Speaker Cable LSZH 2x1.5mm², CPR Dca.
Product Description
Speaker Cable, 2 Conductor 1.5mm² (30 x 0.25mm) Oxygen-Free Bare Copper (High Conductivity), LSZH Insulation, LSZH Jacket, Flexible, CPR Euroclass
Dca.
Technical Specifications
Product Overview
Suitable Applications:
Speaker cable for use in indoor or outdoor applications
Physical Characteristics (Overall)
Conductor
Stranding
Material
Cross Section Construction n x D
Stranded
BC-OFHC - Oxygen-Free Bare Copper (High Conductivity) 1.50 mm²
30x0.25 mm
Conductor Count:
2
Insulation
Type
Material
Nominal Diameter Diameter +/- Tolerance
Insulation LSZH - Low Smoke Zero Halogen (Flame Retardant) 2.30 mm
0.07 mm
Color Chart
Number Color
Wire 1
Black
Wire 2
Red
Outer Jacket
Material
Nominal Diameter Diameter +/- Tolerance
LSZH - Low Smoke Zero Halogen (Flame Retardant) 6.30 mm
0.25 mm
Table Notes:
Flexible with Matte Finish
Construction and Dimensions
Cabling
Description
2 fillers + 2 wires twisted
Electrical Characteristics
Conductor DCR
Max. Conductor DCR
13 Ohm/km
Min Insulation Resistance:
200 MOhm*km
Voltage
Voltage Rating [V]
300 V


Similar Part No. - 70045

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
70045 OSRAM-70045 Datasheet
104Kb / 4P
BACKlight LED Modules
logo
Sennheiser electronic S...
700458 SENNHEISER-700458 Datasheet
232Kb / 4P
Evolution Wireless Digital
V1.4
700459 SENNHEISER-700459 Datasheet
232Kb / 4P
Evolution Wireless Digital
V1.4
logo
Belden Inc.
70045LV BELDEN-70045LV Datasheet
221Kb / 2P
Speaker Cable LSZH 2x1.5mm², CPR B2ca.
12-20-2022
70045LV.00100 BELDEN-70045LV.00100 Datasheet
221Kb / 2P
Speaker Cable LSZH 2x1.5mm², CPR B2ca.
12-20-2022
More results

Similar Description - 70045

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
70046 BELDEN-70046 Datasheet
220Kb / 2P
Speaker Cable LSZH 2x2.5mm², CPR Dca.
03-04-2023
46381NH BELDEN-46381NH Datasheet
215Kb / 2P
Speaker Cable LSZH 2x2.5mm², CPR Eca.
12-19-2022
70045LW BELDEN-70045LW Datasheet
221Kb / 2P
Speaker Cable LSZH 2x1.5mm², CPR Cca.
12-20-2022
70047 BELDEN-70047 Datasheet
237Kb / 2P
Speaker Cable LSZH 4x2.5mm², CPR Dca.
12-16-2022
70048 BELDEN-70048 Datasheet
222Kb / 2P
Speaker Cable LSZH 2x4.0mm², CPR Dca.
12-19-2022
70086 BELDEN-70086 Datasheet
220Kb / 2P
Speaker Cable LSZH 2x6.0mm², CPR Eca.
12-19-2022
70086LV BELDEN-70086LV Datasheet
220Kb / 2P
Speaker Cable LSZH 2x6.0mm², CPR B2ca.
11-09-2022
BE46382 BELDEN-BE46382 Datasheet
242Kb / 2P
Speaker Cable PVC 2x1.5mm², CPR Eca.
12-19-2022
46382NH BELDEN-46382NH Datasheet
213Kb / 2P
Speaker Cable LSZH 2x1.5mm², CPR Eca.
12-19-2022
70045LV BELDEN-70045LV Datasheet
221Kb / 2P
Speaker Cable LSZH 2x1.5mm², CPR B2ca.
12-20-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com