Electronic Components Datasheet Search
  English  ▼

X  

BU931T Datasheet(PDF) 2 Page - STMicroelectronics

Part # BU931T
Description  HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BU931T Datasheet(HTML) 2 Page - STMicroelectronics

  BU931T Datasheet HTML 1Page - STMicroelectronics BU931T Datasheet HTML 2Page - STMicroelectronics BU931T Datasheet HTML 3Page - STMicroelectronics BU931T Datasheet HTML 4Page - STMicroelectronics BU931T Datasheet HTML 5Page - STMicroelectronics BU931T Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
1.2
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off
Current (VBE = 0)
VCE = 500 V
VCE = 500 V
TC = 125
oC
100
0.5
µA
mA
ICEO
Collector Cut-off
Current (IB = 0)
VCE = 450 V
VCE = 450 V
TC = 125
oC
100
0.5
µA
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
20
mA
VCEO(SUS)
∗ Collector-Emitter
Saturation Voltage
(IB = 0)
IC = 100 mA
L = 10 mH
IB = 0
VCLAMP = 400 V (see fig.4)
400
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 7 A
IB = 70 mA
IC = 8 A
IB = 100 mA
1.6
1.8
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 7 A
IB = 70 mA
IC = 8 A
IB = 100 mA
2.2
2.4
V
V
hFE
∗
DC Current Gain
IC = 5 A
VCE = 10 V
300
VF
Diode Forward Voltage
IF = 10 A
2.5
V
Functional Test
VCC = 24 V Vclamp = 400 V L= 7 mH
(see fig. 1)
8A
ts
tf
INDUCTIVE LOAD
Storage Time
Fall Time
VCC = 12 V Vclamp = 300 V L= 7 mH
IC = 7 A IB = 70 mA
VBE = 0
RBE = 47
Ω
(see fig. 3)
15
0.5
µs
µs
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Safe Operating Area
DC Current Gain
BU931T
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com