Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT244 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT244
Description  SNx4ACT244 Octal Buffers and Drivers With 3-State Outputs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT244 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74ACT244 Datasheet HTML 2Page - Texas Instruments SN74ACT244 Datasheet HTML 3Page - Texas Instruments SN74ACT244 Datasheet HTML 4Page - Texas Instruments SN74ACT244 Datasheet HTML 5Page - Texas Instruments SN74ACT244 Datasheet HTML 6Page - Texas Instruments SN74ACT244 Datasheet HTML 7Page - Texas Instruments SN74ACT244 Datasheet HTML 8Page - Texas Instruments SN74ACT244 Datasheet HTML 9Page - Texas Instruments SN74ACT244 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6.5 Electrical Characteristics (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VOL
IOL = 50 µA
TA = 25°C
4.5 V
0.001
0.1
V
SN54ACT244
0.1
SN74ACT244
0.1
TA = 25°C
5.5 V
0.001
0.1
SN54ACT244
0.1
SN74ACT244
0.1
IOL = 24 mA
TA = 25°C
4.5 V
0.36
SN54ACT244
0.5
SN74ACT244
0.44
TA = 25°C
5.5 V
0.36
SN54ACT244
0.5
SN74ACT244
0.44
IOL = 50 mA(1)
SN54ACT244
5.5 V
1.65
IOL = 75 mA(1)
SN74ACT244
5.5 V
1.65
IOZ
VO = VCC or GND
TA = 25°C
5.5 V
±0.25
µA
SN54ACT244
±5
SN74ACT244
±2.5
II
VI = VCC or GND
TA = 25°C
5.5 V
±0.1
µA
SN54ACT244
±1
SN74ACT244
±1
ICC
VI = VCC or GND, IO = 0
TA = 25°C
5.5 V
4
µA
SN54ACT244
80
SN74ACT244
40
ΔICC (2)
One input at 3.4 V,
Other inputs at GND or VCC
TA = 25°C
5.5 V
0.6
mA
SN54ACT244
1.6
SN74ACT244
1.5
CI
VI = VCC or GND
TA = 25°C
5 V
2.5
pF
Co
VI = VCC or GND
TA = 25°C
5 V
8
pF
(1)
Not more than one output should be tested at a time, and the duration of the test should not exceed 2 ms.
(2)
This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than 0 V or VCC.
6.6 Switching Characteristics
over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 7-1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
A
Y
TA = 25°C
2
6.5
9
ns
SN54ACT244
1
10
SN74ACT244
1.5
10
tPHL
TA = 25°C
2
7
9
SN54ACT244
1
10
SN74ACT244
1.5
10
SN54ACT244, SN74ACT244
SCAS517E – JUNE 1995 – REVISED JULY 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: SN54ACT244 SN74ACT244



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com