Electronic Components Datasheet Search
  English  ▼

X  

MMA701 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MMA701
Description  High Linearity Packaged HBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MMA701 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MMA701 Datasheet HTML 1Page - List of Unclassifed Manufacturers MMA701 Datasheet HTML 2Page - List of Unclassifed Manufacturers MMA701 Datasheet HTML 3Page - List of Unclassifed Manufacturers MMA701 Datasheet HTML 4Page - List of Unclassifed Manufacturers MMA701 Datasheet HTML 5Page - List of Unclassifed Manufacturers MMA701 Datasheet HTML 6Page - List of Unclassifed Manufacturers MMA701 Datasheet HTML 7Page - List of Unclassifed Manufacturers MMA701 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
975 Stewart Drive • Sunnyvale, CA 94085 • www.metelics.com
PH
408.737.8181 • FX 408.733.7645 • sales@metelics.com
© Copyright 2001 MCE Metelics. All rights reserved. Specifications subject to change without notice. Revision date 09.15.01.
MMA701-SOT89
High Linearity Packaged HBT
SWEPT DATA
POWER GAIN AND OUTPUT POWER VS
INPUT POWER
30.0
2.100
35.0
40.0
45.0
50.0
55.0
60.0
2.120
2.140
2.160
2.180
2.200
Frequency, GHz
MMA701SOT89
Third Order Intercept vs Frequency
Icc = 130 mA
Vcc = 5.00 V
Vcc = 6.00 V
Vcc = 7.00 V
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
18.0
20.0
21.0
22.0
23.0
24.0
25.0
26.0
27.0
28.0
29.0
30.0
Input Power, dBm
Frequency = 2150 MHz
Vcc = 7.00 V
Gain
Pout
MMA701SOT89
Icc = 130 mA
W-CDMA ACPR PERFORMANCE
ADJACENT CHANNEL POWER (W-CDMA)
SPAN: 25.0 MHZ
TEST CONDITIONS
5 VDC @ 130 mA, 2140 MHz
Pout = +17 dBm
Tx Power : 16.90 dBm
-10.00 MHz : -64.79 dB
-5.00 MHz : -59.31 dB
5.00 MHz : -60.42 dB
10.00 MHz : -64.88 dB
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
[dB]
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
10
15
20
25
30
Power Output dBm
7.00 V @ 130 mA
5.00 V @ 130 mA
ACPR vs POWER OUTPUT
Application notes are available at www.metelics.com.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com