Electronic Components Datasheet Search
  English  ▼

X  

CSS-0578-SMT-TR Datasheet(PDF) 2 Page - CUI Devices

Part # CSS-0578-SMT-TR
Description  MAGNETIC BUZZER TRANSDUCER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CSS-0578-SMT-TR Datasheet(HTML) 2 Page - CUI Devices

  CSS-0578-SMT-TR Datasheet HTML 1Page - CUI Devices CSS-0578-SMT-TR Datasheet HTML 2Page - CUI Devices CSS-0578-SMT-TR Datasheet HTML 3Page - CUI Devices CSS-0578-SMT-TR Datasheet HTML 4Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CUI DEVICES | MODEL: CSS-0578-SMT-TR | DESCRIPTION: MAGNETIC BUZZER TRANSDUCER
date 08/05/2022 | page 2 of 4
cuidevices.com
-
8---2018
9---2019
YEAR
02
01
WEEK
MECHANICAL DRAWING
FREQUENCY RESPONSE CURVE
MEASUREMENT METHOD
units: mm
tolerance: ±0.5 mm
20K
2K
200
20
50
70
80
100
90
Hz
dB
60
RECOMMENDED
PCB LAYOUT
(Top View)
180Ω
+2.5V
0
+VDC
TR:
2SC1741AS
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com