Electronic Components Datasheet Search
  English  ▼

X  

UPOS-211 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # UPOS-211
Description  VFD, rear mount for UPOS-211
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UPOS-211 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  UPOS-211 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
USC-P01
VFD, rear mount for UPOS-211
UPOS-P05
Barcode scanner for UPOS-211
Specifications
Interface
COM
Number of Characters
40(20 columns x 2 lines)
Brightness
350~700cd/m2
Connection
Direct connection, Baud rate: 9600 or 19200bps
Language
USA,France,Germany,U.K.,Sweden,Denmark I & II,
Italy, Spain, Norway,Japan,Slavonic,Russia,
Commands Mode
EPSON POS D101(default),AEDEX,UTC/S,UTC/
E,
ADM788,DSP800,CD5220,EMAX,LOGIC CONTROL
OS Support
Windows 7/8
/10
Dimensions
162x57x28mm
Operating Temperature
0 ~ 40° C
Packing List
Description
Quantity
VFD Module Unit
1
Bracket
1
Screw
2
Ordering Information
P/N
US
C-P01-B110
Description
VFD, rear mount ,black
Specifications
Interface
USB
Image Sensor
640x480 CMOS
Symbologies
PDF417、QR Code (QR1/2, Micro)、Data Matrix
(ECC200, ECC000, 050, 080, 100, 140)、Chinese
Sensible Code
Code128, UCC/EAN-128, AIM128, EAN-8, EAN-13,
ISBN/ISSN, UPC-E, UPC-A, Interleaved 2 of 5, ITF-6,
ITF-4, Matrix 2 of 5, Industrial 25, Standard 25,
Code39, Codabar, Code 93, Code 11, Plesse
y, MSI-
Plesse
y, GS1-DataBarTM(RSS), (RSS-14、RSS-
Limited、RSS-Expand)
Resolution
Windows 7/8/10
Dimensions
100x37.4x22mm
Operating Temperature
0 ~ 40° C
Packing List
Quantity
1
4
Description
Barcode Reader Unit Bracket
Screw
Ordering Information
P/N
U
POS-P05-B110
Description
2D Barcode scanner for UPOS-211,black
Ubiquitous
POS 2XX Modules
All product specifications are subject to change without notice
Last updated :
19-Nov-2017
2D
1D
Light Source
≥5mil
OS Support
Red LED 625±10 nm


Similar Part No. - UPOS-211

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UPOS-211 ADVANTECH-UPOS-211 Datasheet
1,020Kb / 3P
15" Ubiquitous POS Terminal
UPOS-211D ADVANTECH-UPOS-211D Datasheet
1,020Kb / 3P
15" Ubiquitous POS Terminal
UPOS-211DP-BST21 ADVANTECH-UPOS-211DP-BST21 Datasheet
1,020Kb / 3P
15" Ubiquitous POS Terminal
UPOS-211DP-BST40 ADVANTECH-UPOS-211DP-BST40 Datasheet
1,020Kb / 3P
15" Ubiquitous POS Terminal
UPOS-211DP-BSTJ1 ADVANTECH-UPOS-211DP-BSTJ1 Datasheet
1,020Kb / 3P
15" Ubiquitous POS Terminal
More results

Similar Description - UPOS-211

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1091A RFM-SF1091A Datasheet
236Kb / 9P
211 MHz SAW Filter
logo
TriQuint Semiconductor
855444 TRIQUINT-855444 Datasheet
57Kb / 1P
211 MHz Bandpass Filter
logo
Rohm
SML-211UTT86K ROHM-SML-211UTT86K Datasheet
116Kb / 3P
SML-211 Series
logo
Murata Manufacturing Co...
SF1091A MURATA-SF1091A Datasheet
84Kb / 4P
211 MHz SAW Filter
logo
TriQuint Semiconductor
855444 TRIQUINT-855444_15 Datasheet
422Kb / 6P
211 MHz SAW Filter
856378 TRIQUINT-856378_15 Datasheet
455Kb / 5P
211 MHz SAW Filter
logo
Glenair, Inc.
880-033P GLENAIR-880-033P Datasheet
433Kb / 2P
Rear Panel Mount
logo
List of Unclassifed Man...
211 ETC-211 Datasheet
41Kb / 2P
Shuguang Vacuum Tube 211
logo
Advantech Co., Ltd.
UPOS-M07G ADVANTECH-UPOS-M07G Datasheet
137Kb / 1P
7" 2nd display for UPOS-211 Series
19-Nov-2017
UPOS-P01 ADVANTECH-UPOS-P01 Datasheet
196Kb / 1P
VFD, rear mount for UPOS-211
19-Nov-2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com