Electronic Components Datasheet Search
  English  ▼

X  

1484A Datasheet(PDF) 1 Page - Belden Inc.

Part # 1484A
Description  Inst, 4 Pr #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

1484A Datasheet(HTML) 1 Page - Belden Inc.

  1484A Datasheet HTML 1Page - Belden Inc. 1484A Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 1484A
Inst, 4 Pr #16+22 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
Product Description
UL Instrumentation, 4 Pair 16+22AWG (7x24+7x30) Bare Copper, PVC Insulation E1 Color Code, Overall Beldfoil® Shield, Black PVC Outer Jacket, PLTC
ITC CMG AWM 2464 SUN RES DIR BUR
Technical Specifications
Product Overview
Suitable Applications:
Industrial Control, Raceways Cable trays and ducts, Digital Control, Instruments (4-20ma, 0-10v, ...),low voltage digital control (24v, …), encoders, control circuits, distributed control
system (DCS),programmable logic controller (PLC), Solenoids, Valves, Actuators, Positioners
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Pair(s)
4
16 AWG 7x24
BC - Bare Copper
Comm Wire(s) 1
22 AWG 7x30
BC - Bare Copper
Insulation
Element
Material
Nom. Thickness
Color Code
Pair(s)
PVC - Polyvinyl Chloride 0.017 in (0.43 mm) Black, White and Numbered
Comm Wire(s) PVC - Polyvinyl Chloride 0.019 in (0.48 mm) Orange
Inner Shield
Element
Shield Type
Comm Wire(s) No Shield
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
16 AWG (7x24) TC
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
Ripcord
PVC - Polyvinyl Chloride 0.053 in (1.3 mm) 0.527 in (13.4 mm) Yes
Overall Cable Diameter
(Nominal):
0.527 in (13.4 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR
Pair(s)
3.67 Ohm/1000ft (12.0 Ohm/km)
Comm Wire(s) 14.7 Ohm/1000ft (48.2 Ohm/km)
Voltage
UL Voltage Rating
300 V (PLTC, CMG, UL AWM 2464), 150 V (ITC)
Mechanical Characteristics


Similar Part No. - 1484A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1484 ETC2-1484 Datasheet
297Kb / 1P
SPACERS , STANDOFFS
logo
Heyco.
1484 HEYCO-1484 Datasheet
121Kb / 1P
Original Strain Relief Bushings
logo
Keystone Electronics Co...
1484 KEYSTONE-1484 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Heyco.
14840 HEYCO-14840 Datasheet
112Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
Atom Lighting
14840 ATOM-14840 Datasheet
289Kb / 1P
Heatspot
19th of January 2025 17:50:44
More results

Similar Description - 1484A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1030A BELDEN-1030A Datasheet
164Kb / 2P
Inst, 1 Pr #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC, ITC, CMG
04-14-2023
1489A BELDEN-1489A Datasheet
166Kb / 2P
Inst, 24 Pr #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3051A BELDEN-3051A Datasheet
160Kb / 2P
Inst, 16 Pr #1622 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1059A BELDEN-1059A Datasheet
164Kb / 2P
Inst, 16 Pr #2022 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1079A BELDEN-1079A Datasheet
211Kb / 2P
Inst, 16 Pr #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
06-01-2023
1486A BELDEN-1486A Datasheet
166Kb / 2P
Inst, 12 Pr #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1528A BELDEN-1528A Datasheet
166Kb / 2P
Inst, 3 Pr #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1493A BELDEN-1493A Datasheet
162Kb / 2P
Inst, 4 Pr #1622 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3050A BELDEN-3050A Datasheet
221Kb / 2P
Inst, 16 Pr #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
31P1620 BELDEN-31P1620 Datasheet
149Kb / 2P
Inst PVC/PVC, 20 Pr #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com