Electronic Components Datasheet Search
  English  ▼

X  

MBR3035WT Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # MBR3035WT
Description  MBR3035WT/MBR3040WT/MBR3045WT SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

MBR3035WT Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  MBR3035WT Datasheet HTML 1Page - SMC Diode Solutions Co. LTD MBR3035WT Datasheet HTML 2Page - SMC Diode Solutions Co. LTD MBR3035WT Datasheet HTML 3Page - SMC Diode Solutions Co. LTD MBR3035WT Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N0015, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
MBR3035WT
MBR3040WT
MBR3045WT
MBR3035WT/MBR3040WT/MBR3045WT
SCHOTTKY RECTIFIER
* Pulse width < 300 µs, duty cycle < 2%
Features
Circuit Diagram
Applications
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
35
MBR3035WT
V
40
MBR3040WT
45
MBR3045WT
Average Rectified Forward Current
IF (AV)
50% duty cycle @Tc=123°C,
rectangular wave form
15(Per Leg)
A
30(Per Device)
Peak One Cycle Non-Repetitive Surge
Current(Per Leg)
IFSM
8.3ms, Half Sine pulse, TC = 25 C
240
A
Peak Repetitive Forward Current (per leg)
IFRM
Rated VR,square wave, 20KHz TC
=123 °C
30
A
Peak Repetitive Reverse Current
IRRM
2.0μsec 1.0KHz
2.0
A
Electrical Characteristics:
Characteristics
Symbol
Condition
Typ.
Max. Units
Forward Voltage Drop
(Per Leg)*
VF1
@ 15A, Pulse, TJ = 25 C
@ 30A, Pulse, TJ = 25 C
0.55
0.61
0.70
0.84
V
VF2
@ 15A, Pulse, TJ = 125 C
@ 30A, Pulse, TJ = 125 C
0.43
0.58
0.57
0.72
V
Reverse Current
(Per Leg)*
IR1
@VR = rated VR, TJ = 25 C
0.06
1.0
mA
IR2
@VR = rated VR, TJ = 125 C
3
100
mA
Junction Capacitance(Per Leg)
CT
@VR = 5V, TC = 25 C, fSIG = 1MHz
700
800
pF
Voltage Rate of Change
dv/dt
-
-
10,000
V/s
150 C TJ operation
Low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Switching power supply
Converters
Free-Wheeling diodes
Reverse battery protection
TO-247AD


Similar Part No. - MBR3035WT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR3035WT MCC-MBR3035WT Datasheet
1Mb / 2P
30 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Vishay Siliconix
MBR3035WT VISHAY-MBR3035WT Datasheet
113Kb / 6P
Schottky Rectifier, 2 x 15 A
21-Aug-08
logo
Digitron Semiconductors
MBR3035WT DIGITRON-MBR3035WT Datasheet
204Kb / 2P
30A SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
MBR3035WT SMC-MBR3035WT Datasheet
386Kb / 7P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR3035WT-N3 VISHAY-MBR3035WT-N3 Datasheet
162Kb / 7P
Schottky Rectifier, 2 x 15 A
30-Aug-11
More results

Similar Description - MBR3035WT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com