Electronic Components Datasheet Search
  English  ▼

X  

TPA751DR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPA751DR
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA751DR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPA751DR Datasheet HTML 12Page - Texas Instruments TPA751DR Datasheet HTML 13Page - Texas Instruments TPA751DR Datasheet HTML 14Page - Texas Instruments TPA751DR Datasheet HTML 15Page - Texas Instruments TPA751DR Datasheet HTML 16Page - Texas Instruments TPA751DR Datasheet HTML 17Page - Texas Instruments TPA751DR Datasheet HTML 18Page - Texas Instruments TPA751DR Datasheet HTML 19Page - Texas Instruments TPA751DR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
TPA751
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
WITH DIFFERENTIAL INPUTS
SLOS336C – DECEMBER 2000 – REVISED OCTOBER 2002
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
application schematics (continued)
It is important to note that using the additional RF resistor connected between IN+ and BYPASS causes VDD/2
to shift slightly, which could influence the THD+N performance of the amplifier. Although an additional external
operational amplifier could be used to buffer BYPASS from RF, tests in the lab have shown that the THD+N
performance is only minimally affected by operating in the fully differential mode as shown in Figure 27. The
following sections discuss the selection of the components used in Figures 26 and 27.
component selection
gain setting resistors, RF and RI
The gain for each audio input of the TPA751 is set by resistors RF and RI according to equation 5 for BTL mode.
(5)
BTL gain
+* 2
R
F
R
I
BTL mode operation brings about the factor 2 in the gain equation due to the inverting amplifier mirroring the
voltage swing across the load. Given that the TPA751 is a MOS amplifier, the input impedance is very high;
consequently input leakage currents are not generally a concern, although noise in the circuit increases as the
value of RF increases. In addition, a certain range of RF values is required for proper start-up operation of the
amplifier. Taken together it is recommended that the effective impedance seen by the inverting node of the
amplifier be set between 5 k
Ω and 20 kΩ. The effective impedance is calculated in equation 6.
(6)
Effective impedance
+
R
F
R
I
R
F )
R
I
As an example, consider an input resistance of 10 k
Ω and a feedback resistor of 50 kΩ. The BTL gain of the
amplifier would be –10 V/V and the effective impedance at the inverting terminal would be 8.3 k
Ω, which is well
within the recommended range.
For high performance applications, metal film resistors are recommended because they tend to have lower
noise levels than carbon resistors. For values of RF above 50 kΩ, the amplifier tends to become unstable due
to a pole formed from RF and the inherent input capacitance of the MOS input structure. For this reason, a small
compensation capacitor of approximately 5 pF should be placed in parallel with RF when RF is greater than
50 k
Ω. This, in effect, creates a low-pass filter network with the cutoff frequency defined in equation 7.
(7)
–3 dB
fc
fc +
1
2
pR
F
C
F
For example, if RF is 100 kΩ and CF is 5 pF, then fc is 318 kHz, which is well outside of the audio range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com