Electronic Components Datasheet Search
  English  ▼

X  

M61048FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M61048FP
Description  Battery Protection Analog Front End (AFE) IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61048FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M61048FP Datasheet HTML 9Page - Renesas Technology Corp M61048FP Datasheet HTML 10Page - Renesas Technology Corp M61048FP Datasheet HTML 11Page - Renesas Technology Corp M61048FP Datasheet HTML 12Page - Renesas Technology Corp M61048FP Datasheet HTML 13Page - Renesas Technology Corp M61048FP Datasheet HTML 14Page - Renesas Technology Corp M61048FP Datasheet HTML 15Page - Renesas Technology Corp M61048FP Datasheet HTML 16Page - Renesas Technology Corp M61048FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
M61048FP
Rev.1.00 Mar 04, 2005 page 13 of 23
Series Regulator
Series regulator is shown in Figure 5. Pch MOS transistor is used for output driver.
The output voltage can be adjusted by M61048FP itself. So the external resistor is not required.
Usually, although series regulator is 2.5 V output, it is possible to change to 5 V output by register setup at the time of
flash memory rewriting of microcomputer.
Note: There is a diode put between Vcc and Vreg terminal to prevent the invert current from damaging this IC when
Vcc Voltage is higher than Vreg voltage. So please always keep Vreg voltage lower than Vcc+0.3 V. Set a
condenser on output to suppress input changes or load changes.
In order to suppress input change and load change, please attach a 0.47
µF capacitor to VREG output. Regard
10 ms as the standard of settling time by input change/load change/output change.
+
–
S52
S51
VREF
GND
R1
R2
R3
Serial to Parallel
conversion circuit
VREG
VCC
Switch control
Figure 5 Series Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com