Electronic Components Datasheet Search
  English  ▼

X  

L7820ACV Datasheet(PDF) 16 Page - STMicroelectronics

Part # L7820ACV
Description  Precision 1A regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7820ACV Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L7820ACV Datasheet HTML 12Page - STMicroelectronics L7820ACV Datasheet HTML 13Page - STMicroelectronics L7820ACV Datasheet HTML 14Page - STMicroelectronics L7820ACV Datasheet HTML 15Page - STMicroelectronics L7820ACV Datasheet HTML 16Page - STMicroelectronics L7820ACV Datasheet HTML 17Page - STMicroelectronics L7820ACV Datasheet HTML 18Page - STMicroelectronics L7820ACV Datasheet HTML 19Page - STMicroelectronics L7820ACV Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Application information
L7800AB/AC series
16/28
.
Figure 8.
DC Parameter
VI - VO ≥ 2V
VO = 7 to 20V
Figure 9.
DC Parameter
IO = IREG + Q1 (IREG ______)
VBEQ1
R1
R1 = ______________
VBEQ1
IREQ-(IQ1/βQ1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com