Electronic Components Datasheet Search
  English  ▼

X  

16215GRFST12 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 16215GRFST12
Description  16 Character by 2 Line Alphanumeric LCD Assembly With COG Controller No internal backlight assembly
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

16215GRFST12 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 16215GRFST12 Datasheet HTML 5Page - List of Unclassifed Manufacturers 16215GRFST12 Datasheet HTML 6Page - List of Unclassifed Manufacturers 16215GRFST12 Datasheet HTML 7Page - List of Unclassifed Manufacturers 16215GRFST12 Datasheet HTML 8Page - List of Unclassifed Manufacturers 16215GRFST12 Datasheet HTML 9Page - List of Unclassifed Manufacturers 16215GRFST12 Datasheet HTML 10Page - List of Unclassifed Manufacturers 16215GRFST12 Datasheet HTML 11Page - List of Unclassifed Manufacturers 16215GRFST12 Datasheet HTML 12Page - List of Unclassifed Manufacturers 16215GRFST12 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16215
2.3 Optical Characteristics (VOP = 4.7V, Ta = 25°C )
Item
Symbol
Condition
Min
Typ
Max
Unit
Remarks
Note
Response time
Tr
---
---
180
---
ms
---
1
Tf
---
---
98
---
ms
---
1
Contrast ratio
Cr
---
---
7.5
---
---
---
2
39
---
---
deg
∅ = 90°
3
35
---
---
deg
∅ = 270°
3
37
---
---
deg
∅ = 0°
3
Viewing angle range
θ
Cr
≥ 2
36
---
---
deg
∅ = 180°
3
Note1: Definition of response time.`
Note2: Definition of contrast ratio ‘Cr’
.
Note3: Definition of viewing angle range ‘
θ’.
PACIFIC DISPLAY DEVICES
09.29.2003
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com