Electronic Components Datasheet Search
  English  ▼

X  

16215BNFST12 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 16215BNFST12
Description  16 Character by 2 Line Alphanumeric LCD Assembly With COG Controller No internal backlight assembly
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

16215BNFST12 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  16215BNFST12 Datasheet HTML 1Page - List of Unclassifed Manufacturers 16215BNFST12 Datasheet HTML 2Page - List of Unclassifed Manufacturers 16215BNFST12 Datasheet HTML 3Page - List of Unclassifed Manufacturers 16215BNFST12 Datasheet HTML 4Page - List of Unclassifed Manufacturers 16215BNFST12 Datasheet HTML 5Page - List of Unclassifed Manufacturers 16215BNFST12 Datasheet HTML 6Page - List of Unclassifed Manufacturers 16215BNFST12 Datasheet HTML 7Page - List of Unclassifed Manufacturers 16215BNFST12 Datasheet HTML 8Page - List of Unclassifed Manufacturers 16215BNFST12 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16215
1.3 Absolute Maximum Ratings
1.3 Absolute Maximum Ratings
Parameter
Parameter
Symbol
Symbol
Min
Min
Max
Max
Unit
Unit
Supply voltage for logic
VDD
-0.3
7.0
V
Supply voltage for LCD
VDD – V0
--
VDD +0.3
V
Input voltage
VI
-0.3
VDD +0.3
V
Standard Operating temperature
TOP (-ST)
0
50
ºC
Standard Storage temperature
TST (-ST)
-10
60
ºC
Extended Operating temperature
TOP (-ET)
-20
70
ºC
Extended Storage temperature
TST (-ET)
-30
80
ºC
Soldering Temp
Tsolder
260
ºC
1.4 Circuit Block Diagram
CONTROLLER
IC
NT7603
LCD PANEL
16 CHARACTERS x 2 LINES
SEG 80
COM16
DB0
~
DB7
RS
R/W
E
VSS
VDD
VO
1.5 Mechanical Characteristics
Item
Contents
Unit
Module size (W
×H×T)
65 x 27.70 x 2.85 Max
mm
Viewing area (W
×H)
61.0
× 15.7
mm
Character matrix (W
×H)
5
× 8
dots
Character size (W
×H)
2.95
× 5.15
mm
Dot size (W
×H)
0.55
× 0.60
mm
Dot pitch (W
×H)
0.60
× 0.65
mm
PACIFIC DISPLAY DEVICES
09.29.2003
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com