Electronic Components Datasheet Search
  English  ▼

X  

L7809ABP Datasheet(PDF) 24 Page - STMicroelectronics

Part # L7809ABP
Description  Precision 1A regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7809ABP Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L7809ABP Datasheet HTML 20Page - STMicroelectronics L7809ABP Datasheet HTML 21Page - STMicroelectronics L7809ABP Datasheet HTML 22Page - STMicroelectronics L7809ABP Datasheet HTML 23Page - STMicroelectronics L7809ABP Datasheet HTML 24Page - STMicroelectronics L7809ABP Datasheet HTML 25Page - STMicroelectronics L7809ABP Datasheet HTML 26Page - STMicroelectronics L7809ABP Datasheet HTML 27Page - STMicroelectronics L7809ABP Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Package mechanical data
L7800AB/AC series
24/28
Figure 13.
D2PAK FOOTPRINT RECOMMENDED DATA
Table 13.
FOOTPRINT DATA
VALUES
mm.
inch.
A
12.20
0.480
B
9.75
0.384
C
16.90
0.665
D
3.50
0.138
E
1.60
0.063
F
2.54
0.100
G
5.08
0.200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com