Electronic Components Datasheet Search
  English  ▼

X  

BUW48 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BUW48
Description  HIGH POWER NPN SILICON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUW48 Datasheet(HTML) 3 Page - STMicroelectronics

  BUW48 Datasheet HTML 1Page - STMicroelectronics BUW48 Datasheet HTML 2Page - STMicroelectronics BUW48 Datasheet HTML 3Page - STMicroelectronics BUW48 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.7
4.9
0.185
0.193
C
1.17
1.37
0.046
0.054
D2.5
0.098
E
0.5
0.78
0.019
0.030
F
1.1
1.3
0.043
0.051
G
10.8
11.1
0.425
0.437
H
14.7
15.2
0.578
0.598
L2
–
16.2
–
0.637
L3
18
0.708
L5
3.95
4.15
0.155
0.163
L6
31
1.220
R
–
12.2
–
0.480
Ø
4
4.1
0.157
0.161
R
L6
¯
L3
L2
L5
1 2 3
TO-218 (SOT-93) MECHANICAL DATA
P025A
BUW48 BUW49
3/4



Html Pages

1 2 3 4