Electronic Components Datasheet Search
  English  ▼

X  

LF60ABP Datasheet(PDF) 1 Page - STMicroelectronics

Part # LF60ABP
Description  Very low drop voltage regulators with inhibit
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF60ABP Datasheet(HTML) 1 Page - STMicroelectronics

  LF60ABP Datasheet HTML 1Page - STMicroelectronics LF60ABP Datasheet HTML 2Page - STMicroelectronics LF60ABP Datasheet HTML 3Page - STMicroelectronics LF60ABP Datasheet HTML 4Page - STMicroelectronics LF60ABP Datasheet HTML 5Page - STMicroelectronics LF60ABP Datasheet HTML 6Page - STMicroelectronics LF60ABP Datasheet HTML 7Page - STMicroelectronics LF60ABP Datasheet HTML 8Page - STMicroelectronics LF60ABP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
May 2006
Rev. 15
1/46
46
LF00 series
Very low drop voltage regulators with inhibit
Feature summary
■ Very low dropout voltage (0.45V)
■ Very low quiescent current (TYP. 50 µA in OFF
mode, 500 µA in ON mode)
■ Output current up to 500 mA
■ Logic-controlled electronic shutdown
■ Output voltages of 1.5; 1.8; 2.5; 2.7; 3; 3.3; 3.5;
4; 5; 6; 8; 8.5; 9; 12V
■ Internal current and thermal limit
■ Only 2.2 µF for stability
■ Available in ± 1% (AB) or ± 2% (C) selection at
25°C
■ Supply voltage rejection: 80db (typ.)
■ Temperature range: -40 to 125°C
Description
The LF00 series are very Low Drop regulators
available in PENTAWATT, TO-220, TO-220FP,
DPAK and PPAK package and in a wide range of
output voltages.
The very Low Drop voltage (0.45V) and the very
low quiescent current make them particularly
suitable for Low Noise, Low Power applications
and specially in battery powered systems.
In the 5 pins configuration (PENTAWATT and
PPAK) a Shutdown Logic Control function is
available (pin 2, TTL compatible). This means that
when the device is used as a local regulator, it is
possible to put a part of the board in standby,
decreasing the total power consumption. In the
three terminal configuration the device has the
same electrical performance, but is fixed in the
ON state. It requires only a 2.2 µF capacitor for
stability allowing space and cost saving.
TO-220FP
PENTAWATT
TO-220
DPAK
PPAK
www.st.com
Schematic diagram


Similar Part No. - LF60ABP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF60ABP STMICROELECTRONICS-LF60ABP Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Aug-2003
LF60ABP STMICROELECTRONICS-LF60ABP Datasheet
260Kb / 32P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jul-1999
LF60ABP STMICROELECTRONICS-LF60ABP Datasheet
1,016Kb / 45P
Very low drop voltage regulators with inhibit
26-Jul-2007
LF60ABP STMICROELECTRONICS-LF60ABP Datasheet
1Mb / 49P
Very low drop voltage regulators with inhibit
12-Feb-2008
LF60ABPT STMICROELECTRONICS-LF60ABPT Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Aug-2003
More results

Similar Description - LF60ABP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Aug-2003
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jul-1999
LK115D00 STMICROELECTRONICS-LK115D00 Datasheet
81Kb / 10P
VERY LOW DROP WITH INHIBIT VOLTAGE REGULATORS
Sep-1998
KFXXB STMICROELECTRONICS-KFXXB Datasheet
740Kb / 22P
Very low drop voltage regulators with inhibit
14-Dec-2007
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
09-Apr-2008
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
Very low drop voltage regulators with inhibit
18-Aug-2008
LEXXAB STMICROELECTRONICS-LEXXAB Datasheet
912Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com