Electronic Components Datasheet Search
  English  ▼

X  

DSP56004 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # DSP56004
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  DSP56004 Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56004 Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56004 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56004 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56004 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56004 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56004 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56004 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56004 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 82 page
background image
iv
DSP56004/D, Rev. 3
MOTOROLA
DSP56004
Features
Peripheral and Support Circuits
•
Serial Audio Interface (SAI) includes two receivers and three transmitters,
master or slave capability, implementation of I2S, Sony, and Matsushita audio
protocols; and two sets of SAI interrupt vectors
•
Serial Host Interface (SHI) features single master capability, 10-word receive
FIFO, and support for 8-, 16-, and 24-bit words
•
External Memory Interface (EMI), implemented as a peripheral supporting:
–
Page-mode DRAMs (one or two chips): 64 K
× 4, 256 K × 4,
and 4 M
× 4 bits
–
SRAMs (one to four): 256 K
× 8 bits
–
Data bus may be 4 or 8 bits wide
–
Data words may be 8, 12, 16, 20, or 24 bits wide
•
Four dedicated, independent, programmable General Purpose Input/Output
(GPIO) lines
•
On-chip peripheral registers memory mapped in data memory space
•
Three external interrupt request pins
•
On-Chip Emulation (OnCE) port for unobtrusive, processor speed-
independent debugging
•
Software-programmable, Phase Lock Loop-based (PLL) frequency synthesizer
for the core clock
•
Power-saving Wait and Stop modes
•
Fully static, HCMOS design for operating frequencies down to dc
•
80-pin plastic Quad Flat Pack surface-mount package; 14
× 14 × 2.20 mm
(2.15–2.45 mm range); 0.65 mm lead pitch
•
Complete pinout compatibility between DSP56004, DSP56004ROM,
DSP56007, and DSP56009 for easy upgrades
•
5 V power supply
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com