Electronic Components Datasheet Search
  English  ▼

X  

EC70 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EC70
Description  EC cores and accessories
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC70 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EC70 Datasheet HTML 1Page - List of Unclassifed Manufacturers EC70 Datasheet HTML 2Page - List of Unclassifed Manufacturers EC70 Datasheet HTML 3Page - List of Unclassifed Manufacturers EC70 Datasheet HTML 4Page - List of Unclassifed Manufacturers EC70 Datasheet HTML 5Page - List of Unclassifed Manufacturers EC70 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2004 Sep 01
4
Ferroxcube
EC cores and accessories
EC70
MOUNTING PARTS
General data and ordering information
ITEM
REMARKS
MOUNT
FIGURE
TYPE NUMBER
Insertable pins
solderability:
“IEC 68-2-20”, Part 2,
Test Ta, method 1
material: copper-zinc alloy (CuZn),
tin-lead alloy (SnPb) plated, transition
to lead-free (Sn) ongoing.
general
3
PIN-EC
horizontal
4
PIN/H-EC
vertical
5
PIN/V-EC70
Clamp
copper-zinc alloy (CuZn)
6
CLM/U-EC70
Base plate 4 holes aluminium
7
BPL4-EC70
handbook, halfpage
1.6 2.35
15.8
3.15
0.6
MGB545
Fig.3 EC pin; general mount.
Dimensions in mm.
handbook, halfpage
MGB546
15.75
0.5
3.1 1.5
1.5 2.35
0.25
Fig.4 EC pin; horizontal mount.
Dimensions in mm.
handbook, halfpage
MGB549
1.6 3.1
0.5
22.9
12.7
2.85
Fig.5 EC70 pin; vertical mount.
Dimensions in mm.
handbook, halfpage
65.4
78.7
12.7
min
Ø 2.9
6-32 NC 2A
THD 2 PLACES
MGB539
Fig.6 EC70 clamp.
Dimensions in mm.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com