Electronic Components Datasheet Search
  English  ▼

X  

PS9687L2 Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS9687L2
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9687L2 Datasheet(HTML) 2 Page - California Eastern Labs

  PS9687L2 Datasheet HTML 1Page - California Eastern Labs PS9687L2 Datasheet HTML 2Page - California Eastern Labs PS9687L2 Datasheet HTML 3Page - California Eastern Labs PS9687L2 Datasheet HTML 4Page - California Eastern Labs PS9687L2 Datasheet HTML 5Page - California Eastern Labs PS9687L2 Datasheet HTML 6Page - California Eastern Labs PS9687L2 Datasheet HTML 7Page - California Eastern Labs PS9687L2 Datasheet HTML 8Page - California Eastern Labs PS9687L2 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PS9687L1,PS9687L2
PACKAGE DIMENSIONS (UNIT: mm)
DIP Type
PS9687L1
6.5±0.5
0 to 15˚
10.16
2.54
0.84±0.43
0.25 M
0.50±0.15
14
85
9.25
+0.5
–0.25
Lead Bending Type
PS9687L2
6.5±0.5
0.9±0.25
11.8±0.4
2.54
0.25 M
0.5±0.15
0.84±0.43
8
1
5
4
9.25
+0.5
–0.25
Data Sheet PN10573EJ01V0DS
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com