Electronic Components Datasheet Search
  English  ▼

X  

MAS5104FD Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # MAS5104FD
Description  RADIATION HARD 4096 x 1 BIT STATIC RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MAS5104FD Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  MAS5104FD Datasheet HTML 1Page - Zarlink Semiconductor Inc MAS5104FD Datasheet HTML 2Page - Zarlink Semiconductor Inc MAS5104FD Datasheet HTML 3Page - Zarlink Semiconductor Inc MAS5104FD Datasheet HTML 4Page - Zarlink Semiconductor Inc MAS5104FD Datasheet HTML 5Page - Zarlink Semiconductor Inc MAS5104FD Datasheet HTML 6Page - Zarlink Semiconductor Inc MAS5104FD Datasheet HTML 7Page - Zarlink Semiconductor Inc MAS5104FD Datasheet HTML 8Page - Zarlink Semiconductor Inc MAS5104FD Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MA5104
2
Symbol
Parameter
Min.
Max.
Units
VCC
Supply Voltage
-0.5
7
V
VI
Input Voltage
-0.3
VDD+0.3
V
TA
Operating Temperature
-55
125
°C
TS
Storage Temperature
-65
150
°C
Figure 3: Absolute Maximum Ratings
Stresses above those listed may cause permanent
damage to the device. This is a stress rating only and
functlonal operation of the device at these condltions,
or at any other condition above those indicated in the
operations section of this specification, is not Implied
Exposure to absolute maxlmum rating conditions for
extended perlods may affect device reliability.
Notes for Tables 4 and 5:
1. Characteristics apply to pre radiation at TA = -55°C to +125°C with VDD = 5V ±10% and to post 100k Rad(Si) total dose
radiation at TA = 25°C with VDD = 5V ±10% (characteristics at higher radiation levels available on request).
2. Worst case at TA = +125°C, guaranteed but not tested at TA = -55°C.
GROUP A SUBGROUPS 1, 2, 3.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VDD
Supply voltage
-
4.5
5.0
5.5
V
VlH
Input High Voltage
-
VDD/2
-
VDD
V
VlL
Input Low Voltage
-
VSS
-
0.8
V
VOH
Output High Voltage
IOH1 = -1mA
2.4
-
-
V
VOL
Output Low Voltage
IOL = 2mA
-
-
0.4
V
ILI
Input Leakage Current (note 2)
All inputs except
CS
--
±10
µA
ILO
Output Leakage Current (note 2)
Output disabled, VOUT = VSS or VDD
--
±20
µA
IPUI
Input Pull-Up Current
VIN = VSS on CS input only
-
-
-100
µA
IPDI
Input Leakage Current
VIN = VSS on CS input only
-
-
5
µA
IDD
Power Supply Current
fRC = 1MHz, CS = 50% mark:space
-
12
16
mA
ISB1
Selected Supply Current
CS = VSS
-25
35
mA
ISB2
Standby Supply Current
Chip disabled
-
50
3000
µA
Figure 4: Electrical Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VDR
VCC for Data Retention
CS = VDR
2.0
-
-
V
IDDR
Data Retention Current
CS = VDR, VDR = 2.0V
-
30
2000
µA
Figure 5: Data Retention Characteristics
CHARACTERISTICS AND RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com