Electronic Components Datasheet Search
  English  ▼

X  

MAX314CSE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX314CSE
Description  10 OHM, Quad, SPST, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX314CSE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX314CSE Datasheet HTML 1Page - Maxim Integrated Products MAX314CSE Datasheet HTML 2Page - Maxim Integrated Products MAX314CSE Datasheet HTML 3Page - Maxim Integrated Products MAX314CSE Datasheet HTML 4Page - Maxim Integrated Products MAX314CSE Datasheet HTML 5Page - Maxim Integrated Products MAX314CSE Datasheet HTML 6Page - Maxim Integrated Products MAX314CSE Datasheet HTML 7Page - Maxim Integrated Products MAX314CSE Datasheet HTML 8Page - Maxim Integrated Products MAX314CSE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
10
Ω, Quad, SPST, CMOS Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = 15V, V- = -15V, VL = 5V, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltages Referenced to GND
V+ ...........................................................................-0.3V to +44V
V- ............................................................................+0.3V to -44V
V+ to V-...................................................................-0.3V to +44V
VL .....................................................(GND - 0.3V) to (V+ + 0.3V)
All Other Pins (Note 1) ................................(V- - 2V) to (V+ + 2V)
or 30mA (whichever occurs first)
Continuous Current (COM_, NO_, NC_).........................±100mA
Peak Current (COM_, NO_, NC_) ...................................±300mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.53mW/°C above +70°C) ..........842mW
Narrow SO (derate 8.70mW/°C above +70°C) ............696mW
CERDIP (derate 10.00mW/°C above +70°C) ...............800mW
TSSOP (derate 6.7mW/°C above +70°C) ....................457mW
Operating Temperature Ranges
MAX31_C_ ..........................................................0°C to +70°C
MAX31_E_ .......................................................-40°C to +85°C
MAX31_M_.....................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Note 1: Signals on NC_, NO_, COM_, or IN_ exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to
maximum current rating.
(Note 3)
VCOM =
10V,
VNO_ or VNC_ = ±10V
ICOM = 10mA,
VNO_ or VNC_ = ±10V
ICOM = 10mA,
VNO_ or VNC_ = ±10V
CONDITIONS
6.5
10
V
V-
V+
VCOM_,
VNO_,
VNC_
Analog Signal Range
nA
-40
40
INO
INC
Off Leakage Current
(NO_ or NC_)
(Note 6)
-2.5
2.5
-0.5
-0.02
0.5
9
Ω
15
RON
On-Resistance
0.3
1.5
Ω
3
∆RON
On-Resistance Match Between
Channels (Note 4)
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
C, E
M
TA =
+25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
ICOM = 10mA,
VNO_ or VNC_ = -5V,
0V, 5V
0.2
2
Ω
4
RFLAT(ON)
On-Resistance Flatness
(Note 5)
TA = +25°C
TA = TMIN
to TMAX
C, E
M
VCOM = ±10V,
VNO_ or VNC_ =
10V
TA = +25°C
TA = TMIN
to TMAX
C, E
M
nA
-40
40
INC(OFF)
COM Off Leakage Current
(Note 6)
-2.5
2.5
-0.5
-0.02
0.5
VCOM = ±10V,
VNO_ or VNC_ = ±10V
TA = +25°C
TA = TMIN
to TMAX
C, E
M
nA
-100
100
ICOM(ON)
COM On Leakage Current
(Note 6)
-5
5
-1
-0.04
1
ANALOG SWITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com