Electronic Components Datasheet Search
  English  ▼

X  

HC241 Datasheet(PDF) 4 Page - Texas Instruments

Part # HC241
Description  OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HC241 Datasheet(HTML) 4 Page - Texas Instruments

  HC241 Datasheet HTML 1Page - Texas Instruments HC241 Datasheet HTML 2Page - Texas Instruments HC241 Datasheet HTML 3Page - Texas Instruments HC241 Datasheet HTML 4Page - Texas Instruments HC241 Datasheet HTML 5Page - Texas Instruments HC241 Datasheet HTML 6Page - Texas Instruments HC241 Datasheet HTML 7Page - Texas Instruments HC241 Datasheet HTML 8Page - Texas Instruments HC241 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SN54HC241, SN74HC241
OCTAL BUFFERS AND LINE DRIVERS
WITH 3STATE OUTPUTS
SCLS300C − JANUARY 1996 − REVISED AUGUST 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC241
SN74HC241
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
39
115
170
145
tpd
A
Y
4.5 V
12
23
34
29
ns
tpd
A
Y
6 V
11
20
29
25
ns
2 V
60
150
225
190
ten
OE or OE
Y
4.5 V
17
30
45
38
ns
ten
OE or OE
Y
6 V
15
26
38
32
ns
2 V
40
150
225
190
tdis
OE or OE
Y
4.5 V
18
30
45
38
ns
tdis
OE or OE
Y
6 V
17
26
38
32
ns
2 V
28
60
90
75
tt
Y
4.5 V
8
12
18
15
ns
tt
Y
6 V
6
10
15
13
ns
switching characteristics over recommended operating free-air temperature range, CL = 150 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC241
SN74HC241
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
50
165
245
210
tpd
A
Y
4.5 V
16
33
49
42
ns
tpd
A
Y
6 V
14
28
42
35
ns
2 V
100
200
300
250
ten
OE or OE
Y
4.5 V
20
40
60
50
ns
ten
OE or OE
Y
6 V
17
34
51
43
ns
2 V
45
210
315
265
tt
Y
4.5 V
17
42
63
53
ns
tt
Y
6 V
13
36
53
45
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per buffer/driver
No load
35
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com