Electronic Components Datasheet Search
  English  ▼

X  

STC5NF20V Datasheet(PDF) 1 Page - STMicroelectronics

Part # STC5NF20V
Description  N-channel 20V - 0.030ohm - 5A - TSSOP8 2.7V-drive STripFET™ ll Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC5NF20V Datasheet(HTML) 1 Page - STMicroelectronics

  STC5NF20V_07 Datasheet HTML 1Page - STMicroelectronics STC5NF20V_07 Datasheet HTML 2Page - STMicroelectronics STC5NF20V_07 Datasheet HTML 3Page - STMicroelectronics STC5NF20V_07 Datasheet HTML 4Page - STMicroelectronics STC5NF20V_07 Datasheet HTML 5Page - STMicroelectronics STC5NF20V_07 Datasheet HTML 6Page - STMicroelectronics STC5NF20V_07 Datasheet HTML 7Page - STMicroelectronics STC5NF20V_07 Datasheet HTML 8Page - STMicroelectronics STC5NF20V_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
February 2007
Rev 5
1/12
12
STC5NF20V
N-channel 20V - 0.030
Ω - 5A - TSSOP8
2.7V-drive STripFET™ II Power MOSFET
General features
Ultra low threshold gate drive (2.7V)
Standard outline for easy automated surface
mount assembly
Description
This Power MOSFET is the latest development of
STMicroelectronics unique "Single Feature
Size™" strip-based process. The resulting
transistor shows extremely high packing density
for low on-resistance, rugged avalanche
characteristics and less critical alignment steps
therefore a remarkable manufacturing
reproducibility.
Applications
Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STC5NF20V
20V
< 0.040
Ω (@ 4.5 V)
< 0.045
Ω (@ 2.7 V)
5A
TSSOP8
www.st.com
Order codes
Part number
Marking
Package
Packaging
STC5NF20V
C5NF20V
TSSOP8
Tape & reel


Similar Part No. - STC5NF20V_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC5NF20V_0710 STMICROELECTRONICS-STC5NF20V_0710 Datasheet
267Kb / 12P
N-channel 20V - 0.030Ω - 5A - TSSOP8 2.7V-drive STripFET??II Power MOSFET
25-Oct-2007
More results

Similar Description - STC5NF20V_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC5NF20V STMICROELECTRONICS-STC5NF20V Datasheet
270Kb / 8P
N-CHANNEL 20V - 0.030ohm - 5A TSSOP8 2.7V-DRIVE STripFET™ II POWER MOSFET
Feb-2003
STS5DNF20V STMICROELECTRONICS-STS5DNF20V Datasheet
255Kb / 8P
N-CHANNEL 20V - 0.030 ohm - 5A SO-8 2.7V-DRIVE STripFET??II POWER MOSFET
Aug-2002
STS6NF20V STMICROELECTRONICS-STS6NF20V Datasheet
256Kb / 8P
N-CHANNEL 20V - 0.030 ohm - 6A SO-8 2.7V-DRIVE STripFET™ II POWER MOSFET
Aug-2002
STT5NF20V STMICROELECTRONICS-STT5NF20V Datasheet
229Kb / 8P
N-CHANNEL 20V - 0.030 ohm - 5A SOT23-6L 2.7V-DRIVE STripFET™ II POWER MOSFET
May-2002
STC5NF30V STMICROELECTRONICS-STC5NF30V Datasheet
271Kb / 8P
N-CHANNEL 30V - 0.027 OHM - 5A TSSOP8 2.7V-DRIVE STripFET II POWER MOSFET
Jun-2003
STC5DNF30V STMICROELECTRONICS-STC5DNF30V Datasheet
255Kb / 12P
Dual N-channel 30V - 0.032Ω - 4.5A - TSSOP8 2.7V-Driver STripFET™ Power MOSFET
11-Apr-2006
STC6NF30V STMICROELECTRONICS-STC6NF30V Datasheet
305Kb / 8P
N-channel 30V - 0.020 - 6A - TSSOP8 2.5V-drive STripFET II Power MOSFET
Feb-2003
STS5DNF20V STMICROELECTRONICS-STS5DNF20V_06 Datasheet
308Kb / 12P
N-channel 20V - 0.030 ohm- 5A SO-8 2.7V - drive STripFET TM II Power MOSFET
13-Nov-2006
STC5NF30V STMICROELECTRONICS-STC5NF30V_06 Datasheet
295Kb / 12P
N-channel 30V - 0.027Ω - 5A - TSSOP8 2.7V-drive STripFET??II Power MOSFET
08-Aug-2006
STC5NF20V_0710 STMICROELECTRONICS-STC5NF20V_0710 Datasheet
267Kb / 12P
N-channel 20V - 0.030Ω - 5A - TSSOP8 2.7V-drive STripFET??II Power MOSFET
25-Oct-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com